Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  LS521 Datasheet HTML 1Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 2Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 3Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page1
ILLUMINATION-TO-DIGITAL CONVERTERS
GENERAL DESCRIPTION
The LS521 is a low-noise, high-sensitivity and illumination-to-digital converter with two-wire SMBus serial
interface. The device integrates a photodiode, a trans-impedance amplifier, and 8-bits analog-to-digital converter
(ADC) in a single IC to provide illumination information over an effective 8-bit dynamic range. The digital
output is directly proportional to ambient illumination. The LS521 is characterized with the C.I.E. response as the
human eye’s visual response, which peaks at 555nm.
Illumination information can be used to control display panel backlighting with the purpose of extending
battery life and providing optimum viewing in diverse lighting conditions. Also, illumination information can
further be used to manage exposure control in digital cameras and camcorders. The LS521 device is ideal in
notebook/tablet PCs, flat-panel televisions, cellular phones, LCD monitors, digital cameras, camcorder, and
street/room lighting control, etc.
FEATURES
1.
Characterized with the C.I.E. response as the human eye’s response
2.
8-bit linear digital output for ambient illumination with two wire SMBus interface.
3.
Tunable illumination sensitivity by an external resistor
4.
Rejection of 50Hz/60Hz light ripple by an external resistor (RL) and an external capacitor (CL)
5.
Wide power supply range (2.7~5.5V)
6.
Low power dissipation in shut-down mode.
7.
Tiny SMD type package:
Width: 3.0mm/Height: 3.0 mm/Depth: 1.1mm
Width: 2.0mm/Height: 2.0 mm/Depth: 0.63mm
8.
High sensing illuminance range (0~14000 lux).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com