Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  LS521 Datasheet HTML 1Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 2Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 3Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page3
ELECTRICAL CHARACTERISTICS (VDD=3V, TA=25℃ if not mentioned )
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
SMBus Output Low Voltage
VOL
IO =10uA
-
0.01
-
V
IO =350uA
-
-
0.4
V
Supply Current
IDD
Power-up,
V
SMBCLK =VSMBDAT=VDD, Ee =0,
VDD
=3V
-
0.38
0.43
mA
VDD
=5.5V
-
0.65
0.75
Power-down,
V
SMBCLK=VSMBDAT = VDD, Ee =0
VDD
=3V
-
30
35
uA
VDD
=5.5V
-
80
92
Shut-down ADC,
V
SMBCLK=VSMBDAT =VDD, Ee =0
VDD
=3V
-
0.33
0.38
mA
VDD
=5.5V
-
0.6
0.7
High Level Input Current
IIH
VSDA(or VSCL)=VDD
-
-
5
uA
Low Level Input Current
IIL
VSDA(or VSCL)= 0V
-
-
-5
uA
DC OPERATING CHARACTERISTICS (VDD=3V, TA=25℃, RL=11.9kΩ, CL=100uF, unless
otherwise noted)
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Full scale ADC count
-
-
-
-
255
counts
ADC count value
DOUT
Ee =0
-
0
2
counts
Ee =400 lux,
Fluorescent light
(note.1
)
83
104
125
Illuminance responsivity
Rv
Fluorescent light
(note.1)
0.208
0.26
0.312
counts/
lux
NOTE: 1. Using a white LED as the fluorescent light source.
MAXIMUM ILLUMINANCE RANGE SETTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com