Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  LS521 Datasheet HTML 1Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 2Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 3Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page2
FUNCTIONAL BLOCK DIAGRAM and APPLICATION
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.4 ~ 6
V
Input Voltage for SCLK, SDA, REXT
VIN
-0.4 ~ VDD+0.4
mA
Input Current for SCLK, SDA
IIN
+20
mA
Output Current for SDA
IOUT
-1
mA
Operating Temperature
Topr
-25 to +85
℃
Storage Temperature
Tstg
-40 to +125
℃
Electrostatic Damage, (HBM)
ESD
3
kV
RECOMMENDED OPERATING CONDITIONS
Item
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
2.7
5.5
V
Operating Temperature
Topr
-25
85
℃
Input Low Voltage for SCLK, SDA
VIL
0.8
V
Input High Voltage for SCLK, SDA
VIH
2.1
VDD
V
Operating Frequency for SCLK
fSCLK
10
400
KHz
A/D converter
Oscillator
Control
Logic
ADC Register
Command Register
VDD
VSS
SCL
K
SDA
REXT
0.1uF
RL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com