Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 10Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 11Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 12Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page9
PACKAGE DESCRIPTIONS
IPLCC8
3mm x 3mm x 1.1mm
PIN NO.
PIN NAME
DESCRIPTIONS
1
SCL
Serial Clock IN
2
VDD
Power
3
VSS
Ground
4
--
--
5
--
--
6
SDA
Serial Data I/O
7
--
--
8
Rext
External Resistor
PAD DESCRIPTIONS
● Bottom View
● Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com