Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 10Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 11Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 12Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page8
LIGHT TO DIGITAL@VDD=3V
(fluorescent light)
0
40
80
120
160
200
240
280
0
2000
4000
6000
8000
10000
12000 14000
Ambient light(lux)
RL=1.2K
Ω
RL=6K
Ω
Digital variation
0
10
20
30
40
50
60
2
3
4
5
6
VDD(volt)
Ee=800lux(flourescent),
R=1.2K
Ω
Temperature variation@VDD=3V
-10
0
10
20
30
40
50
60
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
Temperature(℃)
Ee=500lux(flourescent), R=1.2K
Ω
Ee=0lux, R=1.2K
Ω
Incident angle vs Responsivity@VDD=3V
fluorescent light Ee=500lux
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90 -80 -70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Incident angle
TOP view
X
Y
IDD vs Temp.@Ee=0lux
0.0
0.5
1.0
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Temperature(℃)
3V
5V
Spectral response
0.0
0.2
0.4
0.6
0.8
1.0
1.2
300
500
700
900
1100
wavelength(nm)
LS521
CIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com