Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS521 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # LS521
Description  Tunable illumination sensitivity by an external resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

LS521 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  LS521 Datasheet HTML 1Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 2Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 3Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 4Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 5Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 6Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 7Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 8Page - Silicon Touch Technology Inc. LS521 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LS521
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ILLUMINATION-TO-DIGITAL CONVERTER with SMBUS INTERFACE
Version
:A.002
Page4
Max. illuminance range(LUX)
1000
2000
5000
14000
RL(KΩ )
12
6
2.4
0.857
For example, if we need the maximum illuminance range to be 2000 lux, then
REJECTION OF LIGHT RIPPLE
Cut off frequency(Hz)
60
1
RL (kΩ )
6
2.4
6
2.4
CL (uF)
0.45
1.2
27
67
For example, if light ripple(f)=60Hz, RL=6kΩ , then
AC OPERATING CHARACTERISTICS (VDD=3V, TA=25℃ unless otherwise noted)
Item
Symbol
Min.
Typ.
Max.
Unit
Clock frequency
f(SMBCLK)
10
-
400
kHz
Bus free time between start and stop condition
t(BUF)
4.7
-
-
us
Hold time after (repeated) start condition. After this
period, the first clock is generated.
t(HDSTA)
4
-
-
us
Repeated start condition setup time
t(SUSTA)
4.7
-
-
us
Stop condition setup time
t(SUSTO)
4
-
-
us
Data hold time
t(HDDAT)
300
-
-
ns
Data setup time
t(SUDAT)
250
-
-
ns
SMBCLK clock low period
t(LOW)
4.7
-
-
us
SMBCLK clock high period
t(HIGH)
4
-
50
us
Detect clock low timeout
t(TIMEOUT)
25
-
35
ms
Clock/data fall time
tF
-
-
300
ns
Clock/data rise time
tR
-
-
1000
ns
Input pin capacitance
Ci
-
-
10
pF
PARAMETER MEASUREMENT INFORMATION
Table 1. Maximum illuminance range vs RL
)
(
6
2000
1
.
0
1200
K
RL
where 1200 and 0.1 are constants, 2000 is max. lux
Table 2.
RL , CL setting
)
(
4421
.
0
60
6000
2
1
2
1
uF
f
R
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com