Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC935 Datasheet HTML 1Page - National Semiconductor (TI) CLC935 Datasheet HTML 2Page - National Semiconductor (TI) CLC935 Datasheet HTML 3Page - National Semiconductor (TI) CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
Absolute Maximum Ratings*
positive supply voltage (+VCC)
-0.5 to +7.0V
positive supply voltage (+V1)
-0.5 to +18V
negative supply voltage (-VEE)
+0.5 to -7.0V
negative supply voltage (-V1)
+0.5 to -18.0V
differential voltage between any two GND’s
200mV
analog input voltage range
-VEE to +VCC
digital input voltage range
+0.5V to -VEE
gain adjust voltage range
-VEE to +VCC
output short circuit duration (one pin to ground)
Infinite
junction temperature
+175°C
operating temperature range
CLC935-BC
0°C to +70°C
CLC935-B8C
-55°C to +125°C
storage temperature range
-65°C to +150°C
lead solder duration (+300°C)
10 sec
Recommended Operation Conditions°
positive supply voltage (+VCC)
+5V ±5%
positive supply voltage (+V1)
+15V ±5%
negative supply voltage (-VEE)
-5.2V ±5%
negative supply voltage (-V1)
-15V ±5%
differential voltage between any two GND’s
<10mV
analog input voltage range (Full Scale)
±1.0V
digital input voltage range
-2.0V to 0.0V
*Note: Absolute maximum ratings are limiting values, to be applied individually,
and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
maximum ratings for extended periods may affect device reliability.
Pinout & Pin Description and Usage
DNC
(INVERTED MSB) D1
GROUND
DNC
DNC
DNC
(MSB) D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
(LSB) D12
-Vee, -5.2V
+Vcc, +5.0V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OFFSET ADJUST
OFFSET REF
-Vee, -5.2V
-Vee, -5.2V
-Vee, -5.2V
SIGNAL GROUND
VIN
SIGNAL GROUND
VREFOUT (+2.5V)
+15V
GAIN ADJUST
-15V
GROUND
DNC
DNC
DATA INV.
CONVERT
CONVERT
GROUND
-Vcc, +5.0V
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
ECL-Level Digital Inputs
s
CONVERT, CONVERT (Pins 23, 24) : “Differential Convert Command” initiates a new conversion cycle on
the rising edge of CONVERT.
s
DATA INV (Pin 25): DATA INVERT is an active HIGH (grounded) ECL input which causes the data outputs
[D1 to D12] to be inverted. In normal operation, DATA INV is left floating or tied to ECL logic LOW.
ECL-Level Digital Outputs (Note: all ECL digital outputs have internal series resistances such that Zout = 50Ω ±3Ω)
s
(MSB) D1-D12 (Pins 7 to 18): Digital Data Outputs. D1 is the MSB; D12 is the LSB. In their normal state,
the digital outputs offer Offset Binary output coding.
s
(MSB) D1 (Pin 6): Inverted version of the MSB, used for 2’s Complement coding.
Analog Input
s
VIN (Pin 39): Analog input with a 2.0Vpp input range from +1.00V to -1.00V.
s
GAIN ADJUST (Pin 33): The GAIN ADJUST has a +4V to +1V input range and scales the analog input full-
scale range by -10% to +10% respectively. If unused, Gain Adjust should be left floating.
Miscellaneous
s
VREF (+2.5V) (Pin 35): VREF is a highly stable +2.500V voltage reference. (Recommended current drain ≤ 2mA.)
s
D.N.C (Pins 4, 5, 19, 20, 28, 29): Do Not Connect.
s
OFFSET ADJUST (Pin 36): OFFSET ADJUST has a GROUND to OFFSET REFERENCE input range
and scales the analog input offset by Ò0.1V. If unused, OFFSET ADJUST should be left floating.
s
OFFSET REFERENCE (Pin 37): OFFSET REFERENCE tracks gain adjustments and is used for offset
voltage adjustment.
Power and Ground
s
+5V, Pins 2,26; +15V, Pin 34; -5.2V, Pins 3, 22, 27, 31; -15V, Pin 32; GROUND, Pins 1, 21, 30, 38, 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com