Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC935 Datasheet HTML 1Page - National Semiconductor (TI) CLC935 Datasheet HTML 2Page - National Semiconductor (TI) CLC935 Datasheet HTML 3Page - National Semiconductor (TI) CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
Wide Dynamic Range
82dB SFDR; Fin = 400kHz
81dB IMD; Fin = 3.5MHz & 3.7MHz
82dB SNR; Fin = 7MHz
s
Fast recovery time
s
0.6 LSB differential linearity error
Applications
s
Electronic imaging
s
Digital communications
s
IF sampling
s
Radar processing
s
FLIR processing
s
Instrumentation
General Description
The Comlinear CLC935 is a high-speed high-performance 12-bit
Analog-to-Digital converter. the CLC935 is a complete A/D
subsystem, including 12-bit quantizer, track-and-hold, and
references. The ECL compatible A/D has maximum sample
rates of 15MSPS, allowing the user to digitize high-speed signals
accurately.
The CLC935 has excellent dynamic performance characteristics
which are thoroughly tested to insure that system performance
goals will be met. Sampling at 15MSPS with a 400kHz input sig-
nal, the CLC935 achieves a typical 82dBc SFDR and an SNR of
65.5dB. Sampling a 5MHz signal can be done with 78dB of
SFDR.
The CLC935 incorporates a complete two-pass architecture
which is constructed from high-speed IC’s on a thin-film sub-
strate. Critical DC parameters are laser trimmed to assure
accurate part-to-part matching. A CONVERT clock, power, and an
analog input signal are all that are required for CLC935 operation.
The CLC935-BC part is specified over the commercial tempera-
ture range, while the CLC935-B8C part is an extended tempera-
ture range, high reliability version. Both parts are packaged in 40-
pin, 1.1 inch wide, ceramic DIPs with side-brazed leads for easy
access and inspection.
Comlinear CLC935
12-bit, 15MSPS A/D Converter
N
August 1996
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Not Intended For New Designs


Similar Part No. - CLC935

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC949 NSC-CLC949 Datasheet
737Kb / 12P
Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
CLC949ACQ NSC-CLC949ACQ Datasheet
737Kb / 12P
Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
CLC949AJQ NSC-CLC949AJQ Datasheet
737Kb / 12P
Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
CLC952 NSC-CLC952 Datasheet
233Kb / 8P
CLC949ACQ
CLC952ACMSA NSC-CLC952ACMSA Datasheet
233Kb / 8P
CLC949ACQ
More results

Similar Description - CLC935

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1173 NSC-ADC1173 Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
12-Bit, 500MSPS A/D Converter
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
ADC1173 TI1-ADC1173 Datasheet
1Mb / 28P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com