Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC935 Datasheet HTML 1Page - National Semiconductor (TI) CLC935 Datasheet HTML 2Page - National Semiconductor (TI) CLC935 Datasheet HTML 3Page - National Semiconductor (TI) CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
CLC935
25°
25°
0° to +70°
-55° to +125°
DYNAMIC CHARACTERISTICS
small signal bandwidth
VIN = 1/4 FS
150
100
100
100
MHz
large signal bandwidth
VIN = FS
130
80
80
80
MHz
slew rate
450
300
300
300
V/ms
overvoltage recovery time
VIN = 2FS
14
25
25
25
ns
effective aperture delay
-0.4
-1.5
-2.0
-2.0
ns
aperture jitter
1.67
2.5
3.0
3.0
ps(rms)
NOISE and DISTORTION (15MSPS)
signal-to-noise ratio (not including harmonics)
404kHz;
FS
65.6
63
63
61
dB
4.984MHz;
FS
65.4
63
63
61
dB
A,B
7.225MHz; FS
65.2
63
63
61
dB
A,B
in-band harmonics
404kHz;
FS-1dB
-82.3
-74
-72
-70
dBc
4.984MHz;
FS-1dB
-78.1
-70
-68
-64
dBc
A
7.225MHz;
FS-1dB
-74.2
-68
-66
-62
dBc
A
intermodulation distortion
f1 = 3.49MHz @ FS-7dB; f2 = 3.7MHz @ FS-7dB
-81.2
dBc
noise-power-ratio
FS-12dB
dc to 5MHz white noise; 2.7MHz notch
51.0
dB
DC ACCURACY and PERFORMANCE
differential non-linearity
dc; FS
0.6
1.0
1.0
1.0
LSB
integral non-linearity
dc; FS
1.3
3.0
3.0
3.0
LSB
missing codes
0
0
0
0
codes
bipolar offset error
3.0
15
25
40
mV
temperature coefficient
250
250
mV/°C
bipolar gain error
2.0
5.0
5.0
5.0
%FS
temperature coefficient
0.05
0.05
%FS/°C
ANALOG INPUT PERFORMANCE
analog input bias current
10
25
35
45
mA
temperature coefficient
100
250
250
nA/°C
analog input resistance
80
25
25
25
kW
analog input capacitance
3.5
5.5
5.5
5.5
pF
DIGITAL INPUTS
input voltage
logic LOW
-1.5
-1.5
-1.5
V
logic HIGH
-1.1
-1.1
-1.1
V
input current
logic LOW
1.0
1.0
1.0
mA
logic HIGH
1.0
1.0
1.0
mA
DIGITAL OUTPUTS
output voltage
logic LOW
-1.5
-1.5
-1.5
V
logic HIGH
-1.1
-1.1
-1.1
V
TIMING
maximum conversion rate
15
15
15
15
MSPS
A,B,C
minimum conversion rate
0
0
0
0
MSPS
data hold time
6.0
4.0
3.0
3.0
ns
POWER REQUIREMENTS
supply current (+VCC = +5.0V)
15MSPS
146
175
175
175
mA
A,B,C
supply current (-VEE = -5.2V)
15MSPS
647
750
750
750
mA
A,B,C
supply current (+V1 = +15.0V)
15MSPS
16
20
20
20
mA
A,B,C
supply current (-V2 = -15.0V)
15MSPS
28
35
35
35
mA
A,B,C
nominal power dissipation
15MSPS
4.75
W
PD
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC935 Electrical Characteristics (VCC = +5V, V1 = +15V, -V2 = -15V; VEE = -5.2V; unless specified)
Test Notes
A) Specification is 100% tested.
Military units are tested at -55°C, +25°C, +125°C;
Commercial units are tested at 25°C, guaranteed at 0° & 70°C.
B) Specifications are GROUP A inspection test.
C) Specification is 100% tested.
Military units are tested at -55°C, +25°C, +125°C.
Test Level
Test levels are derived from mil spec SUBGROUPS.
Static Tests
1) +25°C
2) +125°C
3) -55°C
Dynamic Tests
4) +25°C
5) +125°C
6) -55°C
Functional Tests
7) +25°C
8) +125°C and -55°C
Switching Tests
9) +25°C
10) +125°C
11) -55°C
Note: Junction temperature rise above case = 16°C;
θ
CA = 16°C/W; θCA = 7°C/W @ 500LFPM. Use of a CHO-THERM
®
#T274, or similar product from Chemetrics
(1-800-225-1936), can lower case-to-ambient rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com