Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) CLC935 Datasheet HTML 10Page - National Semiconductor (TI) CLC935 Datasheet HTML 11Page - National Semiconductor (TI) CLC935 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
Sine to ECL Conversion Circuit
For variable frequency CONVERT clocks, low-phase-
noise frequency synthesizers like the Fluke 6080A or the
HP8662 are good choices.
Sinusoidal sources of this
type will require a sine-to-ECL conversion circuit, such
as the one above. This circuit operates consistently with
low level inputs (0dBm), but is sensitive to noise
(jitter) from the synthesizer. Maintaining a larger input
level (> +6dBm), greatly reduces this jitter contribution.
Output Coding
The CLC935 data converter is capable of producing four
possible digital output formats: offset binary, two’s com-
plement, and their inverted versions. In offset binary the
outputs count from 000h to FFFh, as the input varies from
-FS (full-scale) to +FS.
For two’s complement output
coding, the MSB in the offset binary format is inverted.
On the CLC935 converter, this is achieved by using the
D1
__
(MSB)
_____
(pin 6) output rather than the D1(MSB) (pin 7).
When using inverted coding formats, the data outputs D2
- D12(LSB) are inverted by tying DATA INV (pin 25) to
an ECL logic HIGH (or grounding).
For non-inverted
operation DATA INV should be left floating, or tied to an
ECL logic LOW.
Analog Input
Offset Binary
Two’s Complement
+FS - 1 LSB
1111 1111 1111
0111 1111 1111
+FS - 2 LSBs
1111 1111 1110
0111 1111 1110
+FS - 3 LSBs
1111 1111 1101
0111 1111 1101
--
-
--
-
mid-scale + 1/2 LSB
1000 0000 0000
0000 0000 0000
mid-scale - 1/2 LSB
0111 1111 1111
1111 1111 1111
--
-
--
-
-FS + 2 LSBs
0000 0000 0010
1000 0000 0010
-FS + 1 LSB
0000 0000 0001
1000 0000 0001
-FS
0000 0000 0000
1000 0000 0000
Output Data and “Data Ready”
The CLC935 has data latency of one clock cycle. This
means that a sample taken on the rising edge of
CONVERT (tN) will appear at the output on the tN+1 clock
cycle of the CLC935. The internally latched data from
the previous conversion (tN-1 CLC935) is latched to
the digital outputs on the rising edge of CONVERT. The
previous output data is guaranteed to be valid for at least
tHLD after the rising edge of CONVERT and the new
output data will be stable tDV after the rising edge of
CONVERT (see timing diagram).
Since the output data is synchronous with the rising edge
of the CONVERT, its falling edge should be used to
generate the output latch clock, or DATA READY signal, if
the system so requires. This will limit the bulk of the digital
switching noise to a period well away from the sensitive
analog processing inside the data converter. The use of
the rising edge of CONVERT for Data Ready, and buffer
clocking signals, is not recommended. Separate drivers
for CONVERT and output latch strobing should be used to
minimize corruption and jitter in the CONVERT signal.
Digital Interface and Termination Differences
All high-resolution A/D converters are susceptible to
performance degradation if interference from the digital
outputs is allowed to couple back to the analog input.
Capacitive coupling back to the A/D input can result in
increased harmonic distortion, or an elevated noise floor.
This “noise” tends to be highly correlated to the input
signal, and is difficult to remove through standard DSP
noise reduction techniques. To minimize this effect, the
CLC935 data converter employs ECL “compatible”
outputs rather than larger swing TTL compatible outputs.
Additional measures to reduce output-to-input coupling
have resulted in some slight differences when interfacing
to the data converter outputs as compared with true ECL.
Significant system power and digital noise reduction for
the CLC935 data converter results from the use of on
chip ECL pull-down sources for each of the twelve bit
lines as illustrated in the figure below. As shown, series
termination resistors are included on each data bit in
order to drive external 50
Ω transmission lines (i.e. PCB
traces with Zo = 50
Ω).
Internal ECL Termination Circuit
The CLC935 data converter outputs are 10KH ECL logic
compatible with internal constant-current pull-downs, and
are designed to be connected directly to 10KH level
inputs with no external termination. The power dissipa-
tion in each termination is the 6mA standing current,
multiplied by the 5.2V supply, or 31mW per output. For a
12-bit data converter, this represents 375mW. When
compared to external (50
Ω/-2V) Thevenin terminations,
the power savings is 1.2W.
Output Latching and Level Translation
Parasitic capacitances and inductances should be minimized,
when interfacing to the CLC935 outputs. Output latches
(10176) or buffers should be placed as close as practical to
the output pins. If these output latches drive a significant
trace load on the same board as the data converter, differen-
tial output latches (100151) and trace routing should be used.
VBB
CLC935
CONV
CONV
-5.2V
10114
SINE
WAVE
0.5Vpp
130
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
0.1
µF
130
Ω
81
Ω 81Ω
-5.2V
47
6mA
Digital Outputs
D1 thru D12
CLC935



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com