Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) CLC935 Datasheet HTML 10Page - National Semiconductor (TI) CLC935 Datasheet HTML 11Page - National Semiconductor (TI) CLC935 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
analog input range =
± [2V + (0.129)(VGAIN ADJUST - 2.5V)]
GAIN ADJUST pin(33)
Analog Input Range
Voltage
1.0V
1.8Vpp
2.5V or open
2.0Vpp
4.0V
2.2Vpp
Analog Input Range Adjust Circuit
A resistor from GAIN ADJUST to ground provides a
second method of adjusting the analog input range. This
technique will decrease the data converter’s gain and
increase the analog input range.
Alternate Input Range Adjust Circuit
Offset Adjust
Typically the center of the ±1V analog input range is laser
trimmed to 0V during construction. By applying a voltage
at the OFFSET ADJUST (pin 36), the analog input offset
can be adjusted approximately ±100mV around ground.
The applied voltage at pin 36 can range from GROUND
to VOFFSET REFERENCE. If the OFFSET REFERENCE
(pin 37) voltage is used to generate the applied OFFSET
ADJUST voltage, adjustments in the analog input
range offset
will track any adjustments made to the
analog input range gain. Analog input range gain and
offset adjustments are tightly coupled when the OFFSET
REFERENCE is used to generate the OFFSET ADJUST
applied voltage. Self-calibration techniques for adjusting
offset and gain should use OFFSET REFERENCE in
adjusting the offset.
Analog input offset and gain adjustments can be made
independent of each other if the VREF OUT (pin 35) is
used to generate the applied OFFSET ADJUST voltage
instead of the OFFSET REFERENCE voltage.
If the
VREF OUT approach is adopted, the CLC935 offset and
gain will be independent of each other, but will likely need
an iterative adjustment approach where both offset and
gain are successively adjusted until the desired result is
obtained.
Offset Adjust Range
Analog Input Offset
pin (36)
VOFFSET REFERENCE
+100mV
open
0mV
GROUND
-100mV
Offset Adjust Circuit
The OFFSET ADJUST and GAIN ADJUST pins are
sensitive to noise; and should be bypassed to ground
with 0.1
µF ceramic capacitors. If the OFFSET ADJUST
and GAIN ADJUST pins are not used, then they should
be left floating.
CONVERT Clock Generation
All high-speed high-resolution A/D converters are sensi-
tive to the CONVERT clock quality.
With a full scale
7MHz analog input signal, the slew rate at the 0V cross-
ing is 90LSB/ns. An error (jitter) of as little as 5ps in the
clock edge will yield a 0.5LSB error at the A/D output.
This is as great or greater than any other error source
likely to be present. This type of clock error or clock jitter
is most easily seen in the form of poor SNR (signal-to-
noise ratio). If the SNR is below expectations, clock jitter
should be investigated.
It should also be noted that jitter in the analog input
source will have the same detrimental effect on SNR.
Analog input signal jitter is usually only a problem
in
evaluation setups, and
does not generally present a
problem in full systems.
Low-jitter crystal controlled oscillators make the best
CONVERT clock sources.
If the CONVERT clock is
generated from another type of source, by gating,
dividing or other method, it should be registered by the
original clock as the last step. This should keep jitter
terms from compounding.
2.500V
1K
Ω
GAIN
ADJUST
35
33
0.500V
250
Ω
680
Ω
2K
Ω
2.7k
Ω
OP14
100
Ω
0.1
µF
GAIN ADJUST
RANGE
1.0V
to
4.0V
CLC935
+
_
VREFOUT
GAIN
ADJUST
33
CLC935
R
R =
774 - 4,800
∆
∆
Where
∆ is the gain change factor,
i.e 0.01 equals 1% change.
Voffset
REF, pin (37) is
nominally +3.1 V and
ranges from +3.4V to
+2.8V depending on
the specific GAIN
ADJUST voltage
at pin 33.
OFFSET
ADJUST
OP14
100
0.1
CLC935
OFFSET
REFERENCE
37
36
2K
1.5K
Offset Adjust Range
Voffset
REF, to
(Voffset
REF, – 1.8V);
… Nominally
1.3V to 3.1V.
SNR
20log
1
2 f jitter
where :
jitter
clock jitter
analog jitter
MAX
in
RMS
RMS
RMS
2
RMS
2
=
=
() +()
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com