Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC935 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC935
Description  12-bit, 15MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC935 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC935 Datasheet HTML 4Page - National Semiconductor (TI) CLC935 Datasheet HTML 5Page - National Semiconductor (TI) CLC935 Datasheet HTML 6Page - National Semiconductor (TI) CLC935 Datasheet HTML 7Page - National Semiconductor (TI) CLC935 Datasheet HTML 8Page - National Semiconductor (TI) CLC935 Datasheet HTML 9Page - National Semiconductor (TI) CLC935 Datasheet HTML 10Page - National Semiconductor (TI) CLC935 Datasheet HTML 11Page - National Semiconductor (TI) CLC935 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
Evaluation Board and Printed Circuit Board Layout
The keys to a successful CLC935 layout are a substan-
tial low-impedance ground plane, short connections (in
and out of the data converter), and proper power supply
decoupling. The use of a socket for the CLC935 data
converter is specifically not recommended in the final
system design.
The CONVERT clock line traces should be equal length.
If they are not equal, the edges may not arrive at the A/D
at the same time, which may allow the clock signals to
more easily couple into the analog input.
Evaluation boards are available for the CLC935
(assembled - “E935PCASM”). The boards can be used
to quickly evaluate the performance of the CLC935 data
converter. Use of the evaluation board as a model is
highly recommended.
Ordering Information
Model
Temperature Range
Description
CLC935BC
0°C to +70°C
Commercial
CLC935B8C
-55°C to +125°C
MIL-STD-833, class B
*Note: operating temperature range is -55°C to +125°C, however, the devices
are specified over the above listed temperature ranges.
CLC935 Complete System Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com