Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
positive supply voltage (VCC)
-0.5V to +6V
negative supply voltage (VEE)
+0.5V to -6V
differential voltage between any two grounds
<200mV
analog input voltage range
VEE to VCC
digital input voltage range
-0.5V to +VCC
output short circuit duration (one-pin to ground)
infinite
junction temperature
175°C
storage temperature range
-65°C to 150°C
lead solder duration (+300°C)
10sec
Note: Absolute maximum ratings are limiting values, to be applied individually,
and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
maximum ratings for extended periods may affect device reliability.
Recommended Operating Conditions
positive supply voltage (VCC)
+5V ±5%
negative supply voltage (VEE)
-5V ±5%
differential voltage between any two grounds
<10mV
analog input voltage range
±0.5V
operating temperature range (AC)
0°C to +70°C
operating temperature range (AJ)
-40°C to +85°C
Package Thermal Resistance
Package
θ
JA
θ
JC
28-pin SSOP
80°C/W
32°C/W
Reliability Information
Transistor count
3000
Ordering Information
Model
Temperature Range
Description
CLC952ACMSA
0°C to +70°C
28-pin SSOP (commercial part)
CLC952AJMSA
-40°C to +85°C
28-pin SSOP (industrial part)
CLC952PCASM
Fully loaded evaluation board with CLC952 … ready for test.
3
http://www.national.com
N-2
N-1
N
N
N+1
N+2
N+1
N
Analog
Input
ENCODE
Digital
Outputs
(D11– D0)
tA = 1.6ns
tOD = 15ns typ.
N+2
CLC952 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com