Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.national.com
6
SFDR & SNR vs. Input Frequency
Input Frequency (MHz)
85
75
65
55
45
1
10
SFDR
SNR
30.72MSPS
0.1
100
CLC952 Typical Performance Characteristics (VCC = +5V, VEE = -5V)
Two Tone Output Spectrum
Frequency (MHz)
0
-40
-100
0
5
20
-60
-80
-20
40.96MSPS
f1 = 19.49MHz
f2 = 19.9MHz
10
15
Symbol
Min
Max
Notes
A
1.73
2.00
A1
0.00
0.21
A2
1.65
1.85
b
0.20
0.40
b1
0.20
0.33
c
0.10
0.22
c1
0.10
0.18
D
10.07
10.33
2
E
7.50
7.90
E1
5.20
5.38
2
e
0.65 BSC
L
0.52
0.95
L1
1.25 REF
R1
0.09
Notes:
1. All dimensions are in millimeters
2. Dimensions D and E1 do not include mold protrusion. Allowable protrusion is 0.20mm per side.
1
14
28
15
b
A2
A
INDEX MARK
E1
E
D
e
SEE DETAIL "A"
DETAIL A
A
A
L
L1
R1
SECTION A – A
b
b1
c1
c
A1
Physical Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com