Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AGND
(Pins 1, 6, 13) Analog circuit ground.
AVCC
(Pins 2, 12, 14) +5V power supply for the analog section. Bypass to analog ground with a 0.1
µF capacitor.
AVEE
(Pins 3, 5, 7,11) -5V power supply for the analog section. Bypass to analog ground with a 0.1
µF capacitor.
ENCODE
(Pin 4) ENCODE initiates a new data conversion cycle on each rising edge. Logic for this input is
standard TTL. 50% duty cycle is recommended for full compliance with the guaranteed specifications.
AIN
(Pin 8) Ground-centered, DC-coupled analog input with a 1Vpp maximum input range from -0.5V to
+0.5V. Analog input impedance is approximately 500
Ω.
VOFFSET
(Pin 9) Voltage offset control. Sets the midpoint of the analog input range. Normally left floating. Ratio
of applied voltage to effective offset is 200:1. (1V applied to VOFFSET produces 5mV midpoint offset.)
VREF
(Pin 10) Internal voltage reference. Nominally +2.4V. VREF can be pulled up or down with a voltage
source to program gain and input range. Bypass VREF to ground with a 0.1µF capacitor.
DVCC
(Pin 15) +5V power supply for the digital section. Bypass to digital ground with a 0.1
µF capacitor.
DGND
(Pin 16) Digital ground.
D0-D11
___
(Pins 17-28) Digital data outputs are CMOS and TTL compatible. D0 is the LSB and D11
___
is the MSB.
MSB is inverted. Output coding is two’s complement.
1
AGND
28
D11 (MSB INV)
2
AVCC
27
D10
3
AVEE
26
D9
4
ENCODE
25
D8
5
AVEE
24
D7
6
AGND
23
D6
7
AVEE
22
D5
8
AIN
21
D4
9
VOFFSET
20
D3
10
VREF
19
D2
11
AVEE
18
D1
12
AVCC
17
D0
(LSB)
13
AGND
16
DGND
14
AVCC
15
DVCC
CLC952
CLC952 Pin Definitions
7
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com