Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TEMP
RATINGS
UNITS
NOTES
Note 4
MIN
TYP
MAX
DYNAMIC PERFORMANCE
small-signal bandwidth
Vin = 1/4FS
+25°C
185
MHz
large-signal bandwidth
Vin = FS
+25°C
180
MHz
slew rate
+25°C
357
V/
µs
overvoltage recovery time
Vin = 1.5FS (0.01%)
+25°C
5
ns
effective aperture delay
+25°C
1.6
ns
aperture jitter
+25°C
4
ps(rms)
NOISE AND DISTORTION (40.96MSPS)
signal-to-noise ratio (w/o harmonics)
2.0MHz
FS
+25°C
60
64
dB
1
FS
Full
61
dB
9.67MHz
FS
+25°C
60
64
dB
1
FS
Full
61
dB
19.5MHz
FS
+25°C
60
62
dB
1
FS
Full
60
dB
spurious-free dynamic range
2.0MHz
FS-1dB
+25°C
64
72
dBc
1
FS-1dB
Full
71
dBc
9.67MHz
FS-1dB
+25°C
61
69
dBc
1
FS-1dB
Full
68
dBc
19.5MHz
FS-1dB
+25°C
60
67
dBc
1
FS-1dB
Full
66
dBc
intermodulation distortion
19.49MHz (f1), 19.9MHz (f2)
FS-7dB
+25°C
75
dBFS
DC ACCURACY AND PERFORMANCE
differential non-linearity
DC; FS
+25°C
1.4
LSB
integral non-linearity
DC; FS
+25°C
3.0
LSB
bipolar offset error
+25°C
5.1
mV
bipolar offset error
Full
25.0
mV
3
bipolar gain error
+25°C
-4.5
%FS
bipolar gain error
Full
15.0
%FS
3
ANALOG INPUT AND PERFORMANCE
analog input resistance
+25°C
500
Ω
analog input capacitance
+25°C
2
pF
DIGITAL INPUTS
input voltage
logic LOW
Full
0.8
V
1,3
logic HIGH
Full
2.0
V
1,3
input current
logic LOW
Full
0
5
µA
1,3
logic HIGH
Full
4.0
25
µA
1,3
output voltage
logic LOW
Full
0.8
V
1,3
logic HIGH
Full
2.4
V
1,3
TIMING
maximum conversion rate
Full
40.96
MSPS
1,3
minimum conversion rate
Full
3.0
MSPS
3
pulse width high
Full
12.2
15
ns
3
pulse width low
Full
10.5
12.2
ns
3
pipeline delay
Full
1.0
clk cycle
3
output propagation delay
+25°C
15
ns
POWER REQUIREMENTS
+5V supply current
41MSPS
+25°C
54
70
mA
1
+5V supply current
41MSPS
Full
70
mA
3
-5V supply current
41MSPS
+25°C
78
100
mA
1
-5V supply current
41MSPS
Full
100
mA
3
nominal power dissipation
41MSPS
+25°C
660
mW
VEE power supply rejection ratio
+25°C
72
dB
VCC power supply rejection ratio
+25°C
60
dB
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC952 Electrical Characteristics (VCC = +5V, VEE = -5V, 40.96MSPS; unless specified)
Notes
1) These parameters are 100% tested at 25°C.
2) Typical specifications are the mean values of the distributions of
deliverable converters tested to date.
3) Min/max data over temperature is based on the 5 sigma limit for
deliverable converters tested to date.
4) Full temperature range is 0°C to +70°C for AC, -40°C to +85°C for AJ.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com