Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
Single Tone Output Spectrum
Frequency (MHz)
0
-20
-40
-60
-80
-100
0
4
8
12
16
20
40.96MSPS
AIN = 0.41MHz
CLC952 Typical Performance Characteristics (VCC = +5V,VEE = -5V)
Single Tone Output Spectrum
Frequency (MHz)
0
-20
-40
-60
-80
-100
0
4
8
12
16
20
40.96MSPS
AIN = 4.99MHz
Single Tone Output Spectrum
Frequency (MHz)
0
-20
-40
-60
-80
-100
0
4
8
12
16
20
40.96MSPS
AIN = 9.67MHz
Single Tone Output Spectrum
Frequency (MHz)
0
-20
-40
-60
-80
-100
0
3
6
8
12
15
30.72MSPS
AIN = 0.39MHz
SFDR & SNR vs. Input Amplitude
Input Amplitude (dBFS)
80
70
60
50
40
30
20
10
-50
-40
-30
-20
-10
0
SFDR
SNR
Sample Rate = 40.96MSPS
AIN = 0.41MHz
SFDR & SNR vs. Input Amplitude
Input Amplitude (dBFS)
80
70
60
50
40
30
20
10
-50
-40
-30
-20
-10
0
SFDR
SNR
Sample Rate = 40.96MSPS
AIN = 4.99MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com