Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC952 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC952
Description  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC952 Datasheet HTML 1Page - National Semiconductor (TI) CLC952 Datasheet HTML 2Page - National Semiconductor (TI) CLC952 Datasheet HTML 3Page - National Semiconductor (TI) CLC952 Datasheet HTML 4Page - National Semiconductor (TI) CLC952 Datasheet HTML 5Page - National Semiconductor (TI) CLC952 Datasheet HTML 6Page - National Semiconductor (TI) CLC952 Datasheet HTML 7Page - National Semiconductor (TI) CLC952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
41MSPS
s
Wide dynamic range
SFDR: 72dBc
SNR: 64dB
s
Low power dissipation: 660mW
s
Ground centered,
DC-coupled analog input
s
Excellent PSRR: >60dB
s
Very small package: 28-pin SSOP
s
Low cost
Applications
s
Cellular base-stations
s
Digital communications
s
Infrared/CCD imaging
s
IF sampling
s
Electro-optics
s
Instrumentation
s
Medical imaging
s
High definition video
General Description
The CLC952 is a complete monolithic 12-bit 41MSPS analog-to-
digital converter system. Fabricated from a 0.8
µm BiCMOS
process, the CLC952’s on-chip features include a very
linear wideband track-and-hold, bandgap voltage reference and a
proprietary 12-bit multi-stage quantizer. The CLC952 has been
designed for wideband digital communications receivers and
features a 72dBc spurious-free dynamic range (SFDR) and 64dB
signal-to-noise ratio (SNR).
The CLC952 operates from a standard ±5V power supply and
features excellent noise isolation with its >60dB power-supply
rejection ratio (PSRR). All digital control functions and output
registers are TTL compatible. The CLC952AC operates over the
commercial temperature range (0°C to 70°C), and the CLC952AJ
operates over the industrial temperature range (-40°C to 85°C)
version. The CLC952 is available in a 28-pin SSOP that provides
an extremely small footprint for reduced board space. National
Semiconductor thoroughly tests each part to verify full
compliance with guaranteed specifications.
CLC952
12-bit, 41MSPS Monolithic A/D Converter
N
September 1997
12-bit Subranging
Quantizer
T/H
Amplifier
TTL Output
Buffer
Timing
Generator
2.4V Voltage
Reference
Input
Amp
D11 MSB
•
•
D0 LSB
Vin
VREF
Offset
Adjust
ENCODE
© 1997 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC952
Block Diagram


Similar Part No. - CLC952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC935 NSC-CLC935 Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC935B8C NSC-CLC935B8C Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC935BC NSC-CLC935BC Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC949 NSC-CLC949 Datasheet
737Kb / 12P
Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
CLC949ACQ NSC-CLC949ACQ Datasheet
737Kb / 12P
Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com