Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 41 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 41 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 37Page - Lumberg ASBSM4-LED3 Datasheet HTML 38Page - Lumberg ASBSM4-LED3 Datasheet HTML 39Page - Lumberg ASBSM4-LED3 Datasheet HTML 40Page - Lumberg ASBSM4-LED3 Datasheet HTML 41Page - Lumberg ASBSM4-LED3 Datasheet HTML 42Page - Lumberg ASBSM4-LED3 Datasheet HTML 43Page - Lumberg ASBSM4-LED3 Datasheet HTML 44Page - Lumberg ASBSM4-LED3 Datasheet HTML 45Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
41
1/2”-20 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: 1/2”-20-1/2”-20
1/2”-20 Male Straight – 1/2”-20 Female 90˚
1/2”-20 Cordsets, Double Ended, Male Straight to
Female 90
˚, 3-, 4- and 5-Poles with Molded Cable.
IP 67 Rated.
Color Code:
Automotive
Cable Types:
18 AWG
688 | 689
= PVC, yellow
755
= TPE, yellow
Cable Types:
22 AWG
618 | 674 | 673 = PVC, yellow
664
= PUR, yellow
Color Code:
U.S.
Cable Types:
18 AWG
619
= CPE, yellow
RST 5U - RKWT 5U
Part No.
RST 3U-RKWT 3 U-688/3 F
RST 4U-RKWT 4 U-689/3 F
RST 3U-RKWT 3 U-688/6 F
RST 4U-RKWT 4 U-689/6 F
RST 3U-RKWT 3 U-688/12 F
RST 4U-RKWT 4 U-689/12 F
RST 3U-RKWT 3 U-688/15 F
RST 4U-RKWT 4 U-689/15 F
RST 3U-RKWT 3 U-618/3 F
RST 4U-RKWT 4 U-674/3 F
RST 3U-RKWT 3 U-618/6 F
RST 4U-RKWT 4 U-674/6 F
RST 3U-RKWT 3 U-618/12 F
RST 4U-RKWT 4 U-674/12 F
RST 3U-RKWT 3 U-618/15 F
RST 4U-RKWT 4 U-674/15 F
RST 3U-RKWT 3 U-664/3 F
RST 5U-RKWT 5 U-755/3F
RST 3U-RKWT 3 U-664/6 F
RST 5U-RKWT 5 U-755/6F
RST 3U-RKWT 3 U-664/12 F
RST 5U-RKWT 5 U-755/12F
RST 3U-RKWT 3 U-664/15 F
RST 5U-RKWT 5 U-755/15F
RST 3U-RKWT 3 U-619/3 F
RST 5U-RKWT 5 U-673/3F
RST 3U-RKWT 3 U-619/6 F
RST 5U-RKWT 5 U-673/6F
RST 3U-RKWT 3 U-619/12 F
RST 5U-RKWT 5 U-673/12F
RST 3U-RKWT 3 U-619/15 F
RST 5U-RKWT 5 U-673/15F
M12 Male Straight – Valve Connector
M12 Cordsets, Double Ended, Male Straight
Connector with Self-Locking Threded Joint to Valve
Connector According to DIN EN 175301-803, Form A.
VAD 1A:
Varistor
VAD 1F:
Neutral Diode
Cable Types:
226
= PUR, halogen-free, black
241
= PUR, halogen-free,
welding spark proof
RST-VAD 1A | RST-VAD 1F
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M12-Valve Connector
Part No.
RST 5-3-VAD 1A-1-3-226/0,3 M
RST 5-3-VAD 1A-1-3-226/0,6 M
RST 5-3-VAD 1A-1-3-226/1 M
RST 5-3-VAD 1A-1-3-226/1,5 M
RST 5-3-VAD 1A-1-3-226/2 M
RST 5-3-VAD 1A-1-3-226/5 M
RST 5-3-VAD 1A-1-3-241/0,3 M
RST 5-3-VAD 1A-1-3-241/0,6 M
RST 5-3-VAD 1A-1-3-241/1 M
RST 5-3-VAD 1A-1-3-241/1,5 M
RST 5-3-VAD 1A-1-3-241/2 M
RST 5-3-VAD 1A-1-3-241/5 M
RST 5-3-VAD 1F-4-3-226/0,3 M
RST 5-3-VAD 1F-4-3-226/0,6 M
RST 5-3-VAD 1F-4-3-226/1 M
RST 5-3-VAD 1F-4-3-226/1,5 M
RST 5-3-VAD 1F-4-3-226/2 M
RST 5-3-VAD 1F-4-3-226/5 M
RST 5-3-VAD 1F-4-3-241/0,3 M
RST 5-3-VAD 1F-4-3-241/0,6 M
RST 5-3-VAD 1F-4-3-241/1 M
RST 5-3-VAD 1F-4-3-241/1,5 M
RST 5-3-VAD 1F-4-3-241/2 M
RST 5-3-VAD 1F-4-3-241/5 M
Cordsets
Double-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com