Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 63 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 63 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 59Page - Lumberg ASBSM4-LED3 Datasheet HTML 60Page - Lumberg ASBSM4-LED3 Datasheet HTML 61Page - Lumberg ASBSM4-LED3 Datasheet HTML 62Page - Lumberg ASBSM4-LED3 Datasheet HTML 63Page - Lumberg ASBSM4-LED3 Datasheet HTML 64Page - Lumberg ASBSM4-LED3 Datasheet HTML 65Page - Lumberg ASBSM4-LED3 Datasheet HTML 66Page - Lumberg ASBSM4-LED3 Datasheet HTML 67Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
63
Receptacle Connectors In Accordance With IEC 61076-2-101
M12-Receptacles
Receptacle Connector, M12 Female, 5-Poles, For
Front Mounting, Adjustable, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread M16 x
1.5 Screw Connection
IP 67 Rated.
– especially suitable for DeviceNet and CANopen®
Receptacle Connector, M12 Female, 4-Poles,
D Coding, For Front Mounting, Adjustable, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread M16 x 1.5 Screw Connection
IP 67 Rated.
– especially suitable for Industrial Ethernet –
Receptacle Connector, M12 Female, 4-, 5- and
8-Poles, For Front Mounting, Stainless Steel Housing,
Assembled Stranded Wire, Solder Contacts Potted
with Epoxy, Chassis Side Thread M16 x 1.5 Screw
Connection (Panel Nut RSKFM 16), IP 69 K Rated.
– especially designed for use in Food
Processing equipment –
0936 DFC 351
0986 EFC 151 A
PRKFM.../0,5 M
Part No.
0936 DFC 351
Part No.
0986 EFC 151 A
Part No.
PRKFM 4/0,5 M
PRKFM 5/0,5 M
PRKFM 8/0,5 M
Receptacle Connector, M12 Female, 5-Poles, B
Coding, For Front Mounting, Adjustable, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread M16 x 1.5 Screw Connection
IP 67 Rated.
– especially suitable for Profibus –
0976 PFC 151
Part No.
0976 PFC 151
Receptacles
Receptacle Connector, M12 Male Insert, 4-, 5- and
8-Poles, For Sensors with Short Solder Contacts for
Printed Circuit Board Mounting.
RSEL
Part No.
RSEL 4
RSEL 5
RSEL 8
Receptacle Connector, M12 Male Insert, 4- and
5-Poles, For Sensors with Short Solder Contacts.
RSE...L:
with Ventalation Hole 2,0 mm
RSEO:
pin 5 Not leading
RSE | RSEO
Part No.
RSE 4
RSE 4 L
RSE 5
RSEO 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com