Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 45 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 45 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 41Page - Lumberg ASBSM4-LED3 Datasheet HTML 42Page - Lumberg ASBSM4-LED3 Datasheet HTML 43Page - Lumberg ASBSM4-LED3 Datasheet HTML 44Page - Lumberg ASBSM4-LED3 Datasheet HTML 45Page - Lumberg ASBSM4-LED3 Datasheet HTML 46Page - Lumberg ASBSM4-LED3 Datasheet HTML 47Page - Lumberg ASBSM4-LED3 Datasheet HTML 48Page - Lumberg ASBSM4-LED3 Datasheet HTML 49Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
45
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Duo-Connector Types: M12 Duo-2xM8, M12 Duo-2xM12
M12-Duo-Male - 2xM12-Male/Female
Actuator-/Sensor-Double Ended, M12-Duo-Male and
two M12-Male and Female Straight, 3-Pole, Self-
Locking Threaded Joint, IP 67 Rated.
Cable Types:
228
= PUR, halogen-free, black
M12-Duo-Male - 2xValve Connector
Actuator-/Sensor-Double Ended, M12-Duo-Male
5-Pole with Self-Locking Threaded Joint, and two
Valve Connectors According to DIN EN 175301-803,
DIN Form A, IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
ASB 2-RST-RKT
ASB 2-VAD 1A
Part No.
ASB 2-RST 5-228/0,2-RKT 5-228/1 M
ASB 2-RST 5-228/0,2-RKT 5-228/1,5 M
ASB 2-RST 5-228/0,2-RKT 5-228/2 M
Part No.
ASB 2-VAD 1A-1-3-226/1 M
ASB 2-VAD 1A-1-3-226/1,5 M
ASB 2-VAD 1A-1-3-226/2 M
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Duo-Connector Types: M12 Duo-2xM12, M12 Duo-2xValve Connector
M12-Duo-Male - 2xValve Connector
Actuator-/Sensor-Double Ended, M12-Duo-Male
5-Pole with Self-Locking Threaded Joint, and two
Valve Connectors According to DIN EN 175301-803,
DIN Form B, IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
ASB 2-VBD 1A
Part No.
ASB 2-VBD 1A-1-1-226/1 M
ASB 2-VBD 1A-1-1-226/1,5 M
ASB 2-VBD 1A-1-1-226/2 M
Cordsets
Double-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com