Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 61 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 61 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 57Page - Lumberg ASBSM4-LED3 Datasheet HTML 58Page - Lumberg ASBSM4-LED3 Datasheet HTML 59Page - Lumberg ASBSM4-LED3 Datasheet HTML 60Page - Lumberg ASBSM4-LED3 Datasheet HTML 61Page - Lumberg ASBSM4-LED3 Datasheet HTML 62Page - Lumberg ASBSM4-LED3 Datasheet HTML 63Page - Lumberg ASBSM4-LED3 Datasheet HTML 64Page - Lumberg ASBSM4-LED3 Datasheet HTML 65Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
61
Receptacle Connector, M12 Male, 5-Poles, For Front
Mounting, Adjustable, Assembled Stranded Wire,
Solder Contacts Potted with Epoxy, Chassis Side
Thread M16 x 1.5 Screw Connection,
IP 67 Rated.
– especially suitable for Profibus –
Receptacle Connector, M12 Male, 5-Poles, For Front
Mounting, Adjustable, Assembled Stranded Wire,
Solder Contacts Potted with Epoxy, Chassis Side
Thread M16 x 1.5 Screw Connection,
IP 67 Rated.
– especially suitable for DeviceNet and CANopen® –
Receptacle Connector, M12 Male, 4-, 5- and 8-Poles,
For Front Mounting, Stainless Steel Housing,
Assembled Stranded Wire, Solder Contacts Potted
with Epoxy, Chassis Side Thread M16 x 1.5 Screw
Connection (Panel Nut RSKFM 16), IP 69 K Rated.
– especially designed for use in Food
Processing equipment –
0976 PMC 151
0936 DMC 351
PRSFM.../0,5 M
Part No.
0976 PMC 151
Part No.
0936 DMC 351
Part No.
PRSFM 4/0,5 M
PRSFM 5/0,5 M
PRSFM 8/0,5 M
Receptacle Connectors In Accordance With IEC 61076-2-101
M12-Receptacles
Receptacle Connector, M12 Male 5-Poles to Terminal
Block Recepatcle with Screw Terminal, IP 67 Rated
(M12 end).
– especially designed for use as panel
feed through –
RSF 5 TB
Part No.
RSF 5 TB
Receptacles
Receptacle Connector, M12 Female, 3-, 4-, 5- and
8-Poles, For Front Mounting, Assembled Stranded
Wire, Solder Contacts Potted with Epoxy, Chassis
Side Thread M16 x 1.5 Screw Connection (Panel Nut
RSKFM 16), IP 67 Rated.
RKFM.../0,5 M
Part No.
RKFM 4-3/0,5 M
RKFM 4/0,5 M
RKFM 5/0,5 M
RKFM 8/0,5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com