Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 18 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 18 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 14Page - Lumberg ASBSM4-LED3 Datasheet HTML 15Page - Lumberg ASBSM4-LED3 Datasheet HTML 16Page - Lumberg ASBSM4-LED3 Datasheet HTML 17Page - Lumberg ASBSM4-LED3 Datasheet HTML 18Page - Lumberg ASBSM4-LED3 Datasheet HTML 19Page - Lumberg ASBSM4-LED3 Datasheet HTML 20Page - Lumberg ASBSM4-LED3 Datasheet HTML 21Page - Lumberg ASBSM4-LED3 Datasheet HTML 22Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
18
M8-Female Straight – Shielded
Actuator-/Sensor-Cordsets, Single Ended,
M8-Female Straight Connector, 3- and 4-Poles,
Shielded with Threaded Joint and Molded Cable.
IP 67 Rated.
Cable Type: 357 | 358 = PUR, halogen-free, black
M8-Female 90° – Shielded
Actuator-/Sensor-Cordsets, Single Ended,
M8-Female 90° Connector, 3- and 4-Poles, Shielded
with Threaded Joint and Molded Cable.
IP 67 Rated.
Cable Type: 357 | 358 = PUR, halogen-free, black
Part No.
RKMVS 3-357/5 M
RKMVS 4-358/5 M
Part No.
RKMWVS 3-357/5 M
RKMWVS 4-358/5 M
RKMVS
RKMWVS
M8 | M12-Round-Plug Connector According to IEC 61976-2-104 | IEC 61076-2-101
M8-Cordsets | M12-Cordsets
M12-Round-Plug Connector According to IEC 61076-2-101
M12-Cordsets
M12-Male Straight
Actuator-/Sensor-Cordsets, Single Ended,
M12-Male Straight Connector, 3-, 4-, 5- and 8-Poles
with Threaded Joint and Molded Cable. IP 67 Rated.
Cable Types:
06 | 07 | 56
= PVC, orange
224 | 225 | 228 | 282 = PUR, halogen-free, black
251 | 259 | 260
= PUR, halogen-free, weld
and spark proof, orange
Part No.
Part No.
RST 3-06/2 M
RST 4-251/2 M
RST 3-06/5 M
RST 4-251/5 M
RST 3-06/10 M
RST 4-251/10 M
RST 3-224/2 M
RST 5-56/2 M
RST 3-224/5 M
RST 5-56/5 M
RST 3-224/10 M
RST 5-56/10 M
RST 3-260/2 M
RST 5-228/2 M
RST 3-260/5 M
RST 5-228/5 M
RST 3-260/10 M
RST 5-228/10 M
RST 4-07/2 M
RST 5-259/2 M
RST 4-07/5 M
RST 5-259/5 M
RST 4-07/10 M
RST 5-259/10 M
RST 4-225/2 M
RST 8-282/2 M
RST 4-225/5 M
RST 8-282/5 M
RST 4-225/10 M
RST 8-282/10 M
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com