Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 23 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 23 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 19Page - Lumberg ASBSM4-LED3 Datasheet HTML 20Page - Lumberg ASBSM4-LED3 Datasheet HTML 21Page - Lumberg ASBSM4-LED3 Datasheet HTML 22Page - Lumberg ASBSM4-LED3 Datasheet HTML 23Page - Lumberg ASBSM4-LED3 Datasheet HTML 24Page - Lumberg ASBSM4-LED3 Datasheet HTML 25Page - Lumberg ASBSM4-LED3 Datasheet HTML 26Page - Lumberg ASBSM4-LED3 Datasheet HTML 27Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
23
M12-Round-Plug Connector According to IEC 61076-2-101
M12-Cordsets
M12-Male Straight
Actuator-/Sensor-Cordsets, Single Ended,
M12-Male Straight Connector, 4-, 5- and 8-Poles,
with Threaded Joint and Molded Cable.
IP 67 Rated.
Cable Types:
182 | 183 | 184
= PVC, orange
288 | 298 | 299
= PUR, halogen-free, black
M12-Female Straight
Actuator-/Sensor-Cordsets, Single Ended,
M12-Male Straight Connector, 4-, 5- and 8-Poles,
with Threaded Joint and Molded Cable with Shielding
Connected to nut. IP 67 Rated.
Cable Types:
182 | 183 | 184
= PVC, orange
288 | 298 | 299
= PUR, halogen-free, black
Part No.
Part No.
RSTS 4-182/2 M
RSTS 5-298/2 M
RSTS 4-182/5 M
RSTS 5-298/5 M
RSTS 4-182/10 M
RSTS 5-298/10 M
RSTS 4-288/2 M
RSTS 8-184/2 M
RSTS 4-288/5 M
RSTS 8-184/5 M
RSTS 4-288/10 M
RSTS 8-184/10 M
RSTS 5-183/2 M
RSTS 8-299/2 M
RSTS 5-183/5 M
RSTS 8-299/5 M
RSTS 5-183/10 M
RSTS 8-299/10 M
Part No.
Part No.
RKTS 4-182/2 M
RKTS 5-298/2 M
RKTS 4-182/5 M
RKTS 5-298/5 M
RKTS 4-182/10 M
RKTS 5-298/10 M
RKTS 4-288/2 M
RKTS 8-184/2 M
RKTS 4-288/5 M
RKTS 8-184/5 M
RKTS 4-288/10 M
RKTS 8-184/10 M
RKTS 5-183/2 M
RKTS 8-299/2 M
RKTS 5-183/5 M
RKTS 8-299/5 M
RKTS 5-183/10 M
RKTS 8-299/10 M
RSTS
RKTS
M12-Male 90°
Actuator-/Sensor-Cordsets, Single Ended,
M12-Male 90° Connector, 4-, 5- and 8-Poles, with
Threaded Joint and Molded Cable with Shielding
Connected to nut. IP 67 Rated.
Cable Types:
182 | 183 | 184
= PVC, orange
288 | 298 | 299
= PUR, halogen-free, black
635
= PVC, yellow
Part No.
Part No.
RKWTH 4-182/2 M
RKWTH 5-298/2 M
RKWTH 4-182/5 M
RKWTH 5-298/5 M
RKWTH 4-182/10 M
RKWTH 5-298/10 M
RKWTH 4-288/2 M
RKWTH 8-299/2 M
RKWTH 4-288/5 M
RKWTH 8-299/5 M
RKWTH 4-288/10 M
RKWTH 8-299/10 M
RKWTH 4-635/2 M
RKWTH 4-635/5 M
RKWTH 4-635/10 M
RKWTH
Cordsets
Single-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com