Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 101 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 101 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 97Page - Lumberg ASBSM4-LED3 Datasheet HTML 98Page - Lumberg ASBSM4-LED3 Datasheet HTML 99Page - Lumberg ASBSM4-LED3 Datasheet HTML 100Page - Lumberg ASBSM4-LED3 Datasheet HTML 101Page - Lumberg ASBSM4-LED3 Datasheet HTML 102Page - Lumberg ASBSM4-LED3 Datasheet HTML 103Page - Lumberg ASBSM4-LED3 Datasheet HTML 104Page - Lumberg ASBSM4-LED3 Datasheet HTML 105Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
101
AS-Interface
AS-Interface
Modules with Flat Cable and Round Cable Connection, 4 OUT | 8 OUT | 2 IN/2 OUT | 4 IN/3 OUT
0910 ASL 133
0910 ASL 419
0910 ASL 410
0910 ASL 134
0910 ASL 414
4 OUT | M12
AS-Interface Flat Cable Module with 4 Digital Outputs
to Connect Standard Sensors, M12 Socket with M12
Bus Connection.
8 OUT | Version 2.1
AS-Interface Flat Cable Module with 8 Digital Outputs
(0.5 A, Y Connected) to Connect Standard Actuators,
M12 Socket, Infrared Interface for the Addressing.
2 IN/2 OUT | Version 2.1
AS-Interface Flat Cable Module with 2 Digital Inputs
to Connect Standard Sensors and 2 Digital Outputs
to Connect Standard Actuators, M12 Socket, Infrared
Interface for the Addressing.
2 IN/2 OUT | M12
AS-Interface Module with 2 Digital Inputs to
Connect Standard Sensors and 2 Digital Outputs to
Connect Standard Actuators, M12 Socket, M12 Bus
Connection.
4 IN/3 OUT | Version 2.1
AS-Interface Flat Cable Module with 4 Digital Inputs
(Y Connected) to Connect Standard Sensors and 3
Digital Outputs (2 A) to Connect Standard Actuators,
M12 Socket, Infrared Interface for the Addressing and
Support of the Extended Addressing Mode.
Part No.
0910 ASL 133
Part No.
0910 ASL 419
Part No.
0910 ASL 410
Part No.
0910 ASL 134
Part No.
0910 ASL 414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com