Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 126 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 126 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 122Page - Lumberg ASBSM4-LED3 Datasheet HTML 123Page - Lumberg ASBSM4-LED3 Datasheet HTML 124Page - Lumberg ASBSM4-LED3 Datasheet HTML 125Page - Lumberg ASBSM4-LED3 Datasheet HTML 126Page - Lumberg ASBSM4-LED3 Datasheet HTML 127Page - Lumberg ASBSM4-LED3 Datasheet HTML 128Page - Lumberg ASBSM4-LED3 Datasheet HTML 129Page - Lumberg ASBSM4-LED3 Datasheet HTML 130Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
126
Profibus
Profibus-DP-Receptacles, Field Attachable Connectors
Receptacle Connector, M12 Male, 5-Poles, B-Coding,
For Front Mounting, Print Contacts, Chassis Side
Thread PG 9.
0976 PMC 152
Part No.
0976 PMC 152
Receptacle Connector, M12 Female, 5-Pole, B-Coding,
For Front Mounting, Printed Contacts, Chassis Side
Thread PG 9 (Panel Nut RSKF 9).
0976 PFC 152
Part No.
0976 PFC 152
0976 PMC 101
Part No.
0976 PMC 101
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
0976 PFC 101
Part No.
0976 PFC 101
M12 Field Attachable, Female Straight
Field Attachable Connector, M12 Female Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
0976 PMC 102
Part No.
0976 PMC 102
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
5-Poles, B-Coding with Threaded Joint, Shieldable,
Assembling with Spring-Type Terminals. IP 67 Rated.
– especially suitable for Profibus Signal Cable:
0975 254 000/...M –
Screw Joints for Cables
All:
Ø 4,0-9.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com