Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 134 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 134 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 130Page - Lumberg ASBSM4-LED3 Datasheet HTML 131Page - Lumberg ASBSM4-LED3 Datasheet HTML 132Page - Lumberg ASBSM4-LED3 Datasheet HTML 133Page - Lumberg ASBSM4-LED3 Datasheet HTML 134Page - Lumberg ASBSM4-LED3 Datasheet HTML 135Page - Lumberg ASBSM4-LED3 Datasheet HTML 136Page - Lumberg ASBSM4-LED3 Datasheet HTML 137Page - Lumberg ASBSM4-LED3 Datasheet HTML 138Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
134
Interbus
Interbus-Devices, 8 IN/4 OUT, Bus Cables
FWD 5
FWD 5
0950 ISL 203
0950 ISL 209
Part No.
0950 ISL 203
Part No.
0950 ISL 209
8 IN/4 OUT
Interbus-Device: Installation Remote Bus with
8-Digital Inputs to Connect Standard Sensors
and 4-Digital-Outputs (2 A) to Connect Standard
Actuators, M12-Sockets and M23-Bus Connection.
8 IN/4 OUT
Interbus-Device: Installation Remote Bus with
8-Digital Inputs to Connect Standard Sensors and
4-Digital-Outputs (2 A) to Connect Standard Actuators
without Actuator Low Voltage Report, M12-Sockets
and M23-Bus Connection.
FWD 5
FWD 5
0955 283 201/...M | 0955 283 202/..M / 0955 283 203/...M
0955 284 201/...M | 0955 284 202/..M / 0955 284 203/...M
Part No.
0955 283 201/0,3 M
0955 283 202/1 M
0955 283 201/0,6 M
0955 283 202/3 M
0955 283 201/1 M
0955 283 202/5 M
0955 283 201/2 M
0955 283 202/10 M
0955 283 201/3 M
0955 283 202/15 M
0955 283 201/5 M
0955 283 203/1 M
0955 283 201/10 M
0955 283 203/3 M
0955 283 201/15 M
0955 283 203/5 M
0955 283 201/20 M
0955 283 203/10 M
0955 283 201/25 M
0955 283 203/15 M
Part No.
0955 284 201/0,3 M
0955 284 202/1 M
0955 284 201/0,6 M
0955 284 202/3 M
0955 284 201/1 M
0955 284 202/5 M
0955 284 201/2 M
0955 284 202/10 M
0955 284 201/3 M
0955 284 202/15 M
0955 284 201/5 M
0955 284 203/1 M
0955 284 201/10 M
0955 284 203/3 M
0955 284 201/15 M
0955 284 203/5 M
0955 284 201/20 M
0955 284 203/10 M
0955 284 201/25 M
0955 284 203/15 M
Interbus Installation Remote Bus Cable
0955 283 201/...M: Double-Ended Cordset
(assembled on both sides) with M23 Male Connector
and M23 Female Connector, 9-Poles.
0955 283 202/...M: Single Ended Cordset (assembled
on one side) with M23 Male Connector, 9-Poles.
0955 283 203/...M: Single Ended Cordset (assembled
on one side) with M23-Female Connector, 9-Poles.
Interbus Remote Bus Cable
0955 284 201/...M: Double-Ended Cordset
(assembled on both sides) with M23 Male Connector
and M23 Female Connector, 9-Poles.
0955 284 202/...M: Single Ended Cordset (assembled
on one side) with M23 Male Connector, 9-Poles.
0955 284 203/...M: Single Ended Cordset (assembled
on one side) with M23-Female Connector, 9-Poles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com