Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 5 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 5 Page - Mallory performance club

  6421 Datasheet HTML 1Page - Mallory performance club 6421 Datasheet HTML 2Page - Mallory performance club 6421 Datasheet HTML 3Page - Mallory performance club 6421 Datasheet HTML 4Page - Mallory performance club 6421 Datasheet HTML 5Page - Mallory performance club 6421 Datasheet HTML 6Page - Mallory performance club 6421 Datasheet HTML 7Page - Mallory performance club 6421 Datasheet HTML 8Page - Mallory performance club 6421 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
PROGRAMMING
CYLINDER SELECT
The MSD is programmed for operation on 8-cylinder engines.
If installing the Ignition on a different style engine, the number
of cylinders will need to be selected on the Cylinder Select
Rotary Switch (Figure 1).
REV LIMITER
There are two adjustable rev limits that you can adjust; the
Max Limit and the Two Step Limit. Both limits are adjusted in
100 rpm increments by turning the rotary switches on the side
of the Ignition (Figure 2).
Note: The engine can be running as
you make adjustments to the rev limiter function.
Max Limit: This is the overrev rpm limit. The Soft Touch circuitry will begin dropping the spark to
cylinders any time the rpm reaches the amount you select, except if the Two Step Limit is activated (12
volts applied to the Blue wire). The limit can be adjusted from 2,000 to 11,900 rpm. Setting both dials
to Zero defaults to a limit of 10,000 rpm. Setting the 1,000's dial to 1 defaults to 11,000 rpm rev limit.
Figure 2 Adjusting the Rev Limits.
Grounds: A poor ground connection can cause many frustrating problems. When a wire is specified
to go to ground, it should be connected to the battery negative terminal, engine block or chassis.
There should always be a ground strap between the engine and the chassis. Always securely connect
the ground wire to a clean, paint free metal surface.
Ballast Resistor: If your vehicle has a ballast resistor in-line with the coil wiring, it is recommended
to bypass it.
Routing Wires: The MSD wires should be routed away from direct heat sources such as exhaust
manifolds and headers and any sharp edges. The trigger wires should be routed separate from the
other wires and spark plug wires. It is best if they are routed along a ground plane such as the block
or firewall which creates an electrical shield. The magnetic pickup wires should always be routed
separately and should be twisted together to help reduce extraneous interference.
Figure 1 Programming the Number of
Cylinders.
6
4
8
CYL
6
4
8
CYL
THIS EXAMPLE
SHOWS 8-CYLIN-
DER ENGINE (FULL
CLOCKWISE).
THIS EXAMPLE
SHOWS THE
OVERREV AT
6,500.
THIS EXAMPLE
SHOWS 2,500
RPM.
CYLINDER
COUNT
Figure 2 Rev Limiter sample setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com