Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 21 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 21 Page - Mallory performance club

Back Button 6421 Datasheet HTML 17Page - Mallory performance club 6421 Datasheet HTML 18Page - Mallory performance club 6421 Datasheet HTML 19Page - Mallory performance club 6421 Datasheet HTML 20Page - Mallory performance club 6421 Datasheet HTML 21Page - Mallory performance club 6421 Datasheet HTML 22Page - Mallory performance club 6421 Datasheet HTML 23Page - Mallory performance club 6421 Datasheet HTML 24Page - Mallory performance club 6421 Datasheet HTML 25Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
INSTALLATION INSTRUCTIONS
21
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
AFTERMARKET COMPONENTS Wiring a Mallory Unilite or 9000 Series using Points Trigger.
RED
RED
IGNITION KEY
TO 12V
TO GROUND
WHITE
GREEN
BROWN
MALLORY
9000 SERIES
DISTRIBUTOR
W/MALLORY
UNILITE MODULE
INDICATES CONNECTION
MAGNETIC PICKUP
(NOT USED)
+
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
ORANGE (TO COIL +)
BLACK (TO COIL -)
RED
GREEN (-)
VIOLET (+)
WHITE
BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
GRAY TACH OUTPUT
Wiring a Toyota with a Tach Adapt PN 8910HEI.
GENERAL IMPORT WIRING
ORANGE
ORIGINAL COIL +
WIRE
ORIGINAL COIL -
TERMINAL
AMPLIFIER
MAGNETIC PICKUP
(NOT USED)
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
ORANGE (TO COIL +)
BLACK (TO COIL -)
RED
GREEN (-)
VIOLET (+)
WHITE
BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
GRAY TACH OUTPUT
INDICATES CONNECTION
NOTE: Remove the coil terminal wires.
The negative wire connects to MSD
White. The positive wire connects to
MSD Red.The MSD Orange connects to
the coil positive terminal, Black connects
to the coil negative terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com