Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 24 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 24 Page - Mallory performance club

Back Button 6421 Datasheet HTML 20Page - Mallory performance club 6421 Datasheet HTML 21Page - Mallory performance club 6421 Datasheet HTML 22Page - Mallory performance club 6421 Datasheet HTML 23Page - Mallory performance club 6421 Datasheet HTML 24Page - Mallory performance club 6421 Datasheet HTML 25Page - Mallory performance club 6421 Datasheet HTML 26Page - Mallory performance club 6421 Datasheet HTML 27Page - Mallory performance club 6421 Datasheet HTML 28Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
GREEN (-)
VIOLET (+)
ECT
SENSOR
WHITE NOT USED
ORANGE TO AC INPUT
YELLOW
MAG
PICKUP
Orange (+) and Black (-)
are the only wires that
connect to the coil.
*Do NOT connect the small Red wire to the coil (+)
terminal when using an MSD Ignition or other CD
ignition control.
PINK - FAN 2 PROVIDES GROUND
TAN - FAN 1 PROVIDES GROUND
RED - IGNITION SWITCHED 12V
*
FUEL
PUMP
BLACK - GROUND
HEAVY RED - BATTERY
O2
SENSOR
BLACK
GROUND
HEAVY ORANGE
RED - IGNITION SWITCHED 12V
INDICATES CONNECTION
TO 12V
IGNITION
KEY
TO NITROUS 12V
ACTIVATION WIRE
INDICATES CONNECTION
+
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
ORANGE (TO COIL +)
BLACK (TO COIL -)
RED
WHITE
BLUE
GRAY
TACH OUTPUT
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
GREEN (-)
VIOLET (+)
MAGNETIC PICKUP
(NOT USED)
GREEN (-)
VIOLET (+)
WIRING ATOMIC WITH PN 6421 TO USE WITH TIMING CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com