Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 15 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 15 Page - Mallory performance club

Back Button 6421 Datasheet HTML 11Page - Mallory performance club 6421 Datasheet HTML 12Page - Mallory performance club 6421 Datasheet HTML 13Page - Mallory performance club 6421 Datasheet HTML 14Page - Mallory performance club 6421 Datasheet HTML 15Page - Mallory performance club 6421 Datasheet HTML 16Page - Mallory performance club 6421 Datasheet HTML 17Page - Mallory performance club 6421 Datasheet HTML 18Page - Mallory performance club 6421 Datasheet HTML 19Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
INSTALLATION INSTRUCTIONS
15
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
GM IGNITIONS GM Large Cap HEI Distributors
FOUR PIN
SEVEN PIN
FIVE PIN
There are three different large cap HEI distributors.To identify which
of the following diagrams fit your specific application, remove the
distributor cap and rotor and locate the ignition module at the base
of the distributor. Count the number of terminals on both ends of
the module and follow the corresponding diagram. GM used 4, 5,
and 7-pin modules in these distributors.
NOTE: Some 5-pin models may experience a hesitation or stall
on deceleration. If this occurs, contact MSD Tech Line
for the required bolt-in diode to correct the problem. MSD
Tech Line (915) 855-7123.
GM IGNITIONS
Wiring an HEI 4-pin Module (Magnetic Pickup Trigger).
PN 8860
HARNESS
WHITE
JUMPER
KEY
CONNECTOR
HEAVY RED
OR PINK WIRE
FROM CAR
WIRING HARNESS
*ORANGE - CONNECTS TO B+
*BLACK - CONNECTS TO C-
CONDENSER
GM-CABLE
HARNESS
GM MODULE
GROMMET
WIRE CLAMPS
REMOVE MODULEINSTALL HARNESS
MAGNETIC
PICKUP
CONNECTOR
TO ENGINE
GROUND
ORANGE
ORANGE*
*
BLACK*
BLACK*
PN 8861
HARNESS
RED
RED
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
GREEN (-)
VIOLET (+)
BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
WHITE
(NOT USED)
COVER WITH TAPE
GRAY
TACH OUTPUT
NOTE: The GM Ignition Module and condenser are removed
and replaced with the supplied PN 8861 Harness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com