Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 14 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 14 Page - Mallory performance club

Back Button 6421 Datasheet HTML 10Page - Mallory performance club 6421 Datasheet HTML 11Page - Mallory performance club 6421 Datasheet HTML 12Page - Mallory performance club 6421 Datasheet HTML 13Page - Mallory performance club 6421 Datasheet HTML 14Page - Mallory performance club 6421 Datasheet HTML 15Page - Mallory performance club 6421 Datasheet HTML 16Page - Mallory performance club 6421 Datasheet HTML 17Page - Mallory performance club 6421 Datasheet HTML 18Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
GM IGNITIONS Wiring with an MSD Wiring Harness.
HARNESS PN 8877
FACTORY HARNESS
(UNPLUGGED FROM COIL)
COIL
MAGNETIC PICKUP
(NOT USED)
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
GREEN (-)
VIOLET (+)
BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
GRAY
TACH OUTPUT
Harness PN 8876 - Dual Connector Coil.
Harness PN 8877 - 1996-on GM Vehicles.
MSD SYSTEMS
Wiring with an MSD Power Grid
MSD
CAN
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN (NOT USED)
GRAY - TACH
YELLOW - SHIFT LIGHT
GREEN
GREEN
VIOLET
VIOLET
INDICATES CONNECTION
HEAVY RED
HEAVY BLACK
ORANGE
BLACK
V-NET
CABLE
LEGACY IGNITION
(NOT USED)
ORANGE
BLACK
+
+
-
-
BATTERY
POSITIVE
BATTERY
NEGATIVE
PN 8253
MAGNETIC PICKUP
(NOT USED)
FROM IGNITION KEY
(ORIGINAL COIL + WIRE)
IGNITION KEY
TO 12V
ORANGE (TO COIL +)
BLACK (TO COIL -)
RED
GREEN (-)
VIOLET (+)
WHITE
BLUE
GRAY
TACH OUTPUT
WHITE/BLUE
HALL-EFFECT
(NOT USED)
2-STEP/LAUNCH
(12V TO ACTIVATE)
RED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com