Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6421 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6421
Description  The MSD produces full power multiple sparks for each firing of a plug
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6421 Datasheet(HTML) 1 Page - Mallory performance club

  6421 Datasheet HTML 1Page - Mallory performance club 6421 Datasheet HTML 2Page - Mallory performance club 6421 Datasheet HTML 3Page - Mallory performance club 6421 Datasheet HTML 4Page - Mallory performance club 6421 Datasheet HTML 5Page - Mallory performance club 6421 Datasheet HTML 6Page - Mallory performance club 6421 Datasheet HTML 7Page - Mallory performance club 6421 Datasheet HTML 8Page - Mallory performance club 6421 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
Parts Included:
1 - MSD Ignition
1 - Screwdriver
4 - Vibration Mounts
1 - Harness, PN 8860
1 - Parts Bag, ASY 28928
WARNING: During installation, disconnect the battery cables. When disconnecting the battery always
remove the Negative cable first and install it last.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
Note: Do not use digital or dial back timing lights.
LED INDICATOR
There is an LED that monitors the status of the Ignition. The LED monitors the trigger signals and will
flash to warn if the supply voltage drops below 9 volts while under 3,000 rpm.
OPERATION AND FEATURES
DIGITAL OPERATION
The MSD 6AL-2 uses a high speed RISC microcontroller to control the ignition's output while constantly
analyzing the various inputs such as supply voltage, trigger signals and rpm. The high speed con-
troller can make extremely quick compensations to the output voltage, multiple spark series, timing
and rpm limits while maintaining accurate timing signals to within 1° and 1% of the rpm limits. The
circuits and controller of the 6AL-2 have been thoroughly filtered to create protection against Electro
Magnetic Interference (EMI).
CAPACITIVE DISCHARGE
The MSD 6AL-2 features a capacitive discharge ignition design. The majority of stock ignition
systems are inductive ignitions. In an inductive ignition, the coil must store and step up the voltage
to maximum strength in between each firing. At higher rpm, since there is less time to charge the coil
to full capacity, the voltage falls short of reaching maximum energy which results in a loss of power
or top end miss.
The MSD Ignition features a capacitor which is quickly charged with 520 - 535 volts and stores it until
the ignition is triggered. With the CD design, the voltage sent to the coil is always at full power even
at high rpm.
MULTIPLE SPARKS
The MSD produces full power multiple sparks for each firing of a plug. The number of multiple sparks
that occur decreases as rpm increases, however the spark series always lasts for 20° of crankshaft
rotation. Above 3,000 rpm there is simply not enough “time” to fire the spark plug more than once,
so there is only one powerful spark.
PROTECTION
The MSD 6AL-2 has a built in reverse polarity protection circuit. This will protect the ignition in the
event of wrong connections. It will also shut off for protection from a surge in power. The ignition will
still operate once the surge or polarity is corrected.
MSD 6AL-2 Ignition Control
PN 6421
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6421

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6421 CRYDOM-6421 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
Alpha Wire
6421 ALPHAWIRE-6421 Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Schurter Inc.
6421.0051.10 SCHURTER-6421.0051.10 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
6421.0051.12 SCHURTER-6421.0051.12 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
6421.0051.12 SCHURTER-6421.0051.12 Datasheet
584Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
Power plug for the universal mains
1997 Mar 07
logo
Coilcraft lnc.
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
XFL4020 Power Inductors, 5 values, 5 of each
logo
Maxim Integrated Produc...
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
Choose one component from each of the colored sections to assemble a complete switch.
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_15 Datasheet
83Kb / 10P
The transmitter section of each bus takes complementary
HI-1582 HOLTIC-HI-1582 Datasheet
77Kb / 11P
The transmitter section of each bus takes complementary
logo
Mallory performance clu...
PN7762 MALLORY-PN7762 Datasheet
188Kb / 4P
MSD Boost Retard Module for the Power Grid System
6530 MALLORY-6530 Datasheet
728Kb / 20P
The Gray Tach Output Terminal produces
logo
WAGO Kontakttechnik Gmb...
285-135 WAGO-285-135 Datasheet
1Mb / 2P
The Full Range of High Current Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com