Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation CPC5620 Datasheet HTML 10Page - IXYS Corporation CPC5620 Datasheet HTML 11Page - IXYS Corporation CPC5620 Datasheet HTML 12Page - IXYS Corporation CPC5620 Datasheet HTML 13Page - IXYS Corporation CPC5620 Datasheet HTML 14Page - IXYS Corporation CPC5620 Datasheet HTML 15Page - IXYS Corporation CPC5620 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
12
www.ixysic.com
R05
For single-ended receive applications where only one
RX output is used, the snoop circuit gain can be
adjusted back to 0 dB by changing the value of the
snoop series resistors R6, R7, R44 and R45 from
1.8M
 to 715k This change results in negligible
modification to the ringing detect threshold.
3.3 Off-Hook Operation: OH=0
3.3.1 Receive Signal Path
Signals to and from the telephone network appear on
the tip and ring connections of the application circuit.
Receive signals are extracted from transmit signals by
the LITELINK two-wire to four-wire hybrid. Next, the
receive signal is converted to infrared light by the
receive photodiode amplifier and receive path LED.
The intensity of the light is modulated by the receive
signal and coupled across the electrical isolation
barrier by a reflective dome.
On the equipment’s low voltage side of the barrier, the
receive signal is converted by a photodiode into a
photocurrent. The photocurrent, a linear
representation of the receive signal, is amplified and
converted to a differential voltage output on RX+ and
RX-.
Variations in gain are controlled to within ±0.4 dB by
factory gain trim, which sets the output to unity gain.
To accommodate single-supply operation, LITELINK
includes a small DC bias on the RX outputs of 1.0VDC.
Most applications should AC couple the RX outputs as
shown in Figure 4.
LITELINK may be used for differential or single-ended
output as shown in Figure 4. Single-ended use will
produce 6 dB less signal output amplitude. Do not
exceed 0 dBm into 600
 (2.2 V
P-P) signal input with
the standard application circuit. See application note
AN-157, Increased LITELINK III Transmit Power for more
information.
Figure 4. Differential and Single-ended Receive Path Connections to LITELINK
3.3.2 Transmit Signal Path
Connect transmit signals from the low-voltage side
equipment to the TX+ and TX- pins of LITELINK. Do
not exceed a signal level of 0 dBm in 600
 (or 2.2
VP-P). Differential transmit signals are converted to
single-ended signals in LITELINK. The signal is
coupled to the transmit photodiode amplifier in a
similar manner to the receive path. See application
note AN-157, Increased LITELINK III Transmit Power for
more information.
The output of the photodiode amplifier is coupled to a
voltage-to-current converter via a transconductance
stage where the transmit signal modulates the
telephone line loop current. As in the receive path,
gain is set to unity at the factory, limiting insertion loss
variation to ±0.4 dB.
Differential and single-ended transmit signals into
LITELINK should not exceed a signal level of 0 dBm
referenced to 600
 (or 2.2 V
P-P). For output power
levels above 0dBm consult the application note
AN-157, Increased LITELINK III Transmit Power for more
information.
RX+
RX-
RX+
RX+
RX
RX-
0.1
µF
0.1
µF
0.1
µF
LITELINK
Low-Voltage Side CODEC
or Voice Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com