Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5620 Datasheet HTML 1Page - IXYS Corporation CPC5620 Datasheet HTML 2Page - IXYS Corporation CPC5620 Datasheet HTML 3Page - IXYS Corporation CPC5620 Datasheet HTML 4Page - IXYS Corporation CPC5620 Datasheet HTML 5Page - IXYS Corporation CPC5620 Datasheet HTML 6Page - IXYS Corporation CPC5620 Datasheet HTML 7Page - IXYS Corporation CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5620/CPC5621-R05
www.ixysic.com
1
3kVrms
Isolation
e3
Pb
Features
• Superior voice solution with low noise, excellent
part-to-part gain accuracy
• 3 kV
rms line isolation
• Transmit power of up to +10 dBm into 600
• Data access arrangement (DAA) solution for
modems at speeds up to V.92
• 3.3 or 5 V power supply operation
• Caller ID signal reception function
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• CPC5620 and CPC5621 can be used in circuits that
comply with the requirements of TIA/EIA/IS-968
(FCC part 68), UL1950, UL60950, EN/IEC 60950-1
Supplementary Isolation compliant, EN55022B,
CISPR22B, EN55024, and TBR-21
• Line-side circuit powered from telephone line
• Compared to other silicon DAA solutions, LITELINK:
- Uses fewer passive components
- Takes up less printed-circuit board space
- Uses less telephone line power
- Offers simplified operation
- Is a single-IC solution
Applications
• Computer telephony and gateways, such as VoIP
• PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals, automated
banking, remote metering, vending machines,
security, and surveillance
Description
LITELINK III is a single-package silicon phone line
interface (PLI) DAA used in voice and data
communication applications to make connections
between low-voltage equipment and high-voltage
telephone networks.
LITELINK provides a high-voltage isolation barrier, AC
and DC phone line terminations, switch hook, 2-wire to
4-wire hybrid, ring detection, and on-hook signal
detection. LITELINK can be used in both differential
and single-ended signal applications.
LITELINK uses on-chip optical components and a few
inexpensive external components to form a complete
voice or high-speed data phone line interface.
LITELINK eliminates the need for large isolation
transformers or capacitors used in other interface
configurations. It includes the required high-voltage
isolation barrier in a surface-mount SOIC package.
The CPC5620 (half-wave ringing detect) and
CPC5621 (full-wave ringing detect) build upon IXYS
Integrated Circuits Division’s LITELINK product line,
with improved insertion loss control, improved noise
performance, and lower minimum current draw from
the phone line. The new mode pin enables worldwide
implementation.
Ordering Information
CPC5620/CPC5621 Block Diagram
Part Number
Description
CPC5620A
32-pin SOIC, half-wave ring detect, 50/Tube
CPC5620ATR
32-pin SOIC, half-wave ring detect, 1000/Reel
CPC5621A
32-pin SOIC, full-wave ring detect, 50/Tube
CPC5621ATR
32-pin SOIC, full-wave ring detect, 1000/Reel
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hookswitch
Isolation Barrier
Vref
Gain Trim
Vref
Gain Trim
Snoop Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP+
RING-
Transmit
Diff.
Amplifier
Receive
Diff.
Amplifier
CID/
RING
MUX
Tx+
Tx-
OH
RING
MODE
CID
Rx+
Rx-
Current Limit Control
AC Impedance Control
VI Slope Control
C
SNOOP
C
SNOOP
R
SNOOP
R
SNOOP
CPC5620/CPC5621
LITELINK® III
Phone Line Interface IC (DAA)


Similar Part No. - CPC5620

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5620A CLARE-CPC5620A Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5620A CLARE-CPC5620A Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620ATR CLARE-CPC5620ATR Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5620ATR CLARE-CPC5620ATR Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
More results

Similar Description - CPC5620

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Analog Devices
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
Single or Dual-Supply Operation
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
(3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com