Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5620 Datasheet HTML 1Page - IXYS Corporation CPC5620 Datasheet HTML 2Page - IXYS Corporation CPC5620 Datasheet HTML 3Page - IXYS Corporation CPC5620 Datasheet HTML 4Page - IXYS Corporation CPC5620 Datasheet HTML 5Page - IXYS Corporation CPC5620 Datasheet HTML 6Page - IXYS Corporation CPC5620 Datasheet HTML 7Page - IXYS Corporation CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
5
1.3 Pin Description
Figure 1. Pinout
Pin
Name
Function
1
VDD
Low-voltage (CPE) side power supply
2
TXSM
Transmit summing junction
3TX-
Negative differential transmit signal to DAA
from low-voltage side
4TX+
Positive differential transmit signal to DAA from
low-voltage side
5
TX
Transmit differential amplifier output
6MODE
When asserted low, changes gain of TX path
(-7 dB) and RX path (+7 dB) to accommodate
reactive termination networks
7
GND
Low-voltage (CPE) side analog ground
8OH
Assert logic low for off-hook operation
9RING
Ringing Detect Output
10 CID
Assert logic low while on hook to allow CID
information to be passed to the RX+ and RX-
output pins.
11 RX-
Negative differential analog signal received
from the telephone line. Must be AC coupled
with 0.1
F.
12 RX+
Positive differential analog signal received from
the telephone line. Must be AC coupled with
0.1
F.
13 SNP+
Positive differential snoop input
14 SNP-
Negative differential snoop input
15 RXF
Receive photodiode amplifier output
16 RX
Receive photodiode summing junction
17 VDDL
Power supply for line side, regulated from tip
and ring.
18 RXS
Receive isolation amp summing junction
19 RPB
Receive LED pre-bias current set
20 BR-
Bridge rectifier return
21 ZDC
Electronic inductor DCR/current limit
22 DCS2
DC feedback output
23 DCS1
V to I slope control
24 NTF
Network amplifier feedback
25 GAT
External MOSFET gate control
26 NTS
Receive signal input
27 BR-
Bridge rectifier return
28 TXSL
Transmit photodiode summing junction
29 ZNT
Receiver impedance set
30 ZTX
Transmit transconductance gain set
31 TXF
Transmit photodiode amplifier output
32 REFL
1.25 VDC reference
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
V
DD
TXSM
TX-
TX+
TX
MODE
GND
OH
RING
CID
RX-
RX+
SNP+
SNP-
RXF
RX
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
V
DDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com