Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC5620 Datasheet HTML 5Page - IXYS Corporation CPC5620 Datasheet HTML 6Page - IXYS Corporation CPC5620 Datasheet HTML 7Page - IXYS Corporation CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation CPC5620 Datasheet HTML 10Page - IXYS Corporation CPC5620 Datasheet HTML 11Page - IXYS Corporation CPC5620 Datasheet HTML 12Page - IXYS Corporation CPC5620 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
9
2.1.2 Reactive Termination Application Circuit Part List
Quantity
Reference Designator
Description
Supplier
1C1
1
F, 16 V, ±10%
AVX, Murata, Novacap, Panasonic,
SMEC, Tecate, etc.
5
C2, C4, C9, C13, C14
0.1
F, 16 V, ±10%
2
C7, C8 1
220 pF, ±5%
2
C10, C15
0.01
F, 500 V, ±10%
1
C12
0.027
F, 16 V, ±10%
1C16
10
F, 16 V, ±10%
1
C20
0.68
F, 16 V, ±10%
1
C21
100 pF, 16 V, 10%
1
R1
80.6 k
, 1/16 W, ±1%
Panasonic, Electro Films, FMI, Vishay,
etc.
1
R2
130 k
, 1/16 W, ±1%
1
R3
1.5 M
, 1/16 W, ±1%
1
R4
68.1
, 1/16 W, ±1%
1
R5
60.4 k
 1/16 W, ±1%
4
R6, R7, R44, R45 2
1.8 M
, 1/10 W, ±1%
1
R8
200 k
, 1/16 W, ±1%
1R10
59
, 1/16 W, ±1%
1
R11
169
, 1/16 W, ±1%
1
R12
221 k
, 1/16 W, ±1%
1R13
1 M
, 1/16 W, ±1%
1R14
47
, 1/16 W, ±5%
1
R15
1.69 M
, 1/16 W, ±1%
1
R16
8.2
, 1/8 W, ±1%
1R18
10 k
, 1/16 W, ±1%
1R20
2
, 1/16 W, ±5%
1
R21, R22
6.49 M
, 1/16 W, ±1%
1R23
10
, 1/16 W, ±5%, or 220 H inductor
1
R75
110 k
, 1/16 W, ±1%
1
R76
200 k
, 1/16 W, ±1%
1
FB1
600
 200 mA ferrite bead
Murata BLM11A601S or similar
1
DB1
S1ZB60 bridge rectifier
Shindengen, Diodes, Inc.
1
SP1
350 V
Bourns (TISP4350H3) or
Teccor (P3100SC)
1
Q1
CPC5602 FET
IXYS Integrated Circuits Division
1
U1
CPC5620/CPC5621 LITELINK
1Use voltage ratings based on the isolation requirements of your application. Typical applications will require 2kV to safely hold off the isolation voltage.
2Use components that allow enough space to account for the possibility of high-voltage arcing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com