Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC5620 Datasheet HTML 2Page - IXYS Corporation CPC5620 Datasheet HTML 3Page - IXYS Corporation CPC5620 Datasheet HTML 4Page - IXYS Corporation CPC5620 Datasheet HTML 5Page - IXYS Corporation CPC5620 Datasheet HTML 6Page - IXYS Corporation CPC5620 Datasheet HTML 7Page - IXYS Corporation CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation CPC5620 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
6
www.ixysic.com
R05
2. Application Circuits
LITELINK can be used with telephone networks
worldwide. Some public telephone networks, notably
in North America and Japan require resistive line
termination. Other telephone networks, as in Europe
and elsewhere, require a reactive line termination.
The application circuits below address both line
termination models. The reactive termination
application circuit (see Figure 3 on page 8) describes the
TBR-21 implementation. This circuit can be adapted
easily for other reactive termination needs.
2.1 Resistive Termination Application Circuit
Figure 2. Resistive Termination Application Circuit Schematic
¹This design was tested and found to comply with FCC Part 68 with this
Sidactor. Other compliance requirements may require a different part.
²Higher-noise power supplies may require substitution of a 220
H inductor,
Toko 380HB-2215 or similar. See the Power Quality section of IXYS
Integrated Circuits Division application note AN-146, Guidelines for
Effective LITELINK Designs
for more information.
³Optional for enhanced transhybrid loss.
4Use voltage ratings based on the isolation requirements of your
application.
+
-
OH
RING
TX+
RX+
TX-
RX-
3.3 or 5V
C13
C14
C2
C4
R1
(RTX)
80.6K
R23 2
10
BR-
BR-
BR-
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
VDDL
DB1
SP1 1
BR-
BR-
A
A
A
C9
0.1μ
C16
10μ
FB1
600 Ω
200 mA
C1
1μ
(RTXF)
60.4K
5%
(RHTF)
200K
R13
(RNTS)
1M
5%
C10
0.01μ
500V
R15
1.69M
R20
2
6.49M
(RDCS1A)
6.49 M
(CDCS)
0.027μ
(RRXF)
130K
R3
1.5M
C7
(CSNP-)
4
220pF
C8
220pF
(RSNP-2)
1.8M
1.8M
1.8M
1.8M
R4
68.1
BR-
NOTE: Unless otherwise noted:
Resistor values are in Ohms
All resistors are 1%.
Capacitor values are in Farads.
R14
(RGAT)
47
Q1
CPC5602C
(CGAT)
(RZDC)
3
8.2
R10
301
R18
3.32K
C18
15p 3
R12
499K
(RNTF)
BR-
BR-
C15
0.01μ
500V
221K
(RNTX)
261K
0.1μ
0.1μ
0.1μ
0.1μ
R16
R8
R5
R75
BR-
C21
100p
R76
R22
R21
C12
R6
R44
R7
R45
(RSNP-1)
(RSNP+2)
(RSNP+1)
(RSNPD)
(RDCS1B)
(RHTX)
(RZNT)
(RZTX)
(RPB)
(RDCS2)
(RVDDL)
BR-
(CSNP+)
4
R2
CID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com