Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5620 Datasheet HTML 1Page - IXYS Corporation CPC5620 Datasheet HTML 2Page - IXYS Corporation CPC5620 Datasheet HTML 3Page - IXYS Corporation CPC5620 Datasheet HTML 4Page - IXYS Corporation CPC5620 Datasheet HTML 5Page - IXYS Corporation CPC5620 Datasheet HTML 6Page - IXYS Corporation CPC5620 Datasheet HTML 7Page - IXYS Corporation CPC5620 Datasheet HTML 8Page - IXYS Corporation CPC5620 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
3
1. Electrical Specifications
1.1 Absolute Maximum Ratings
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Minimum
Maximum
Unit
VDD
-0.3
6
V
Logic Inputs
-0.3
VDD + 0.3
V
Continuous Tip to Ring
Current (RZDC = 5.2)
-150
mA
Total Package Power
Dissipation
-1
W
Isolation Voltage
-
3000
Vrms
Operating temperature
-40
+85
°C
Storage temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com