Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  V3021 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Timing Characteristics (standard temperature range)
VSS= 0V and TA=-40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Typ.
Max.
Unit
VDD ≥ 2V
VDD = 5.0V ±10%
Chip select duration
tCS
Write cycle
200
50
ns
RAM access time (note 1)
tACC
CLOAD = 50pF
180
50
60
ns
Time between two transfers
tW
500
100
ns
Rise time (note 2)
tR
10
200
10
200
ns
Fall time (note 2)
tF
10
200
10
200
ns
Data valid to Hi-impedance (note 3)
tDF
10
100
15
30
40
ns
Write data settle time (note 4)
tDW
60
50
ns
Data hold time (note 5)
tDH
80
25
ns
Advance write time
tADW
25
10
ns
Write pulse time (note 6)
tWC
200
50
ns
Table 4
Timing Characteristics (standard temperature range)
VSS= 0V and TA=-40 to +125°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Typ.
Max.
Unit
VDD ≥ 2V
VDD = 5.0V ±10%
Chip select duration
tCS
Write cycle
200
60
ns
RAM access time (note 1)
tACC
CLOAD = 50pF
180
50
60
ns
Time between two transfers
tW
500
120
ns
Rise time (note 2)
tR
10
100
10
100
ns
Fall time (note 2)
tF
10
100
10
100
ns
Data valid to Hi-impedance (note 3)
tDF
10
100
5
30
50
ns
Write data settle time (note 4)
tDW
60
50
ns
Data hold time (note 5)
tDH
80
25
ns
Advance write time
tADW
25
15
ns
Write pulse time (note 6)
tWC
200
60
ns
Table 4 ex.
Note 1
: tACC starts from RD or CS , whichever activates last
Typically, tACC = 5 + 0.9 CEXT in ns; where CEXT (external parasitic capacitance) is in pF
Note 2
: CS ,
RD , DS , WR and R/ W rise and fall times are specified by tR and tF
Note 3
: tDF starts from RD or CS , whichever deactivates first
Note 4
: tDW ends at WR or CS , whichever deactivates first
Note 5
: tDH starts from WR or CS , whichever deactivates first
Note 6
: tWC starts from WR or CS , whichever activates last and ends at WR or CS , whichever deactivates first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com