Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button V3021 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Status Information
The RAM addresses 0 and 1 contain status control data
for the V3021. The function of each ibt (0 and 7) within
address locations 0 and 1 is shown in Table 7a and 7b
respectively.
Status Word
Status 0 - address 0
0 - inactive
7654 3210
1 - active
Read / Write bits
Frequency Measurement Mode
Reserved
Test Mode 0
Test Mode 1
Time Set Lock
Reserved
Reserved
Reserved
Table 7a
Status 1 - address 1
0 -
No change from last
Copy_clock_to_RAM
76543210
1 -
Change from last
Read ONLY bits
Copy_clock_to_RAM
Seconds
Minutes
Hours
Day of month
Month
Year
Week day
Week number
Table 7b
Reset and Initialization
Upon microprocessor recovery from a system reset, the
V3021 must be initialized by software in order to
guarantee that it is expecting a communication cycle (ie.
the internal serial buffer is waiting for the address bit A0).
Software
can
initialize
the
V3021
to
expect
a
communication cycle by executing 8 microprocessor
reads (see Fig. 8).
Initializing Access to the V3021
Fig. 8
On first startup or whenever power has failed (VDD < 2.0V)
the status register 0 and the clock must be initialized by
software Having initialized the interface to expect the
address bit A0, write 0 to status register 0, then set the
clock (see section "Clock and Calendar").
Time and Date Status Bits
There are time and date status bits at address 1 in the
RAM. Upon executing a Copy_clock_to_RAM command,
the time and date status bits in the RAM show which time
and date parameters changed since the last time this
command was used. A logic 1 in the seconds status bit
(address1, bit 0) in the RAM indicates that the seconds
location in the RAM (address 2) changed since the last
Copy_clock_to_RAM command and thus need to be read.
The seconds location must change before any other time
or date location can change. If the seconds status bit is
clear, then no time or date location changed since the last
Copy_clock_to_RAM command and so the RAM need not
to be read by software.
Table 7b shows the seconds, minutes, hours, day of the
month, month, year, week day, and week number status
bit locations. They are set or cleared similar to the
seconds location. It should be noted that if the minutes
status bit is clear, then the seconds bit may be set, but ail
other status bits are clear. Similarly with hours, the bits
representing the units less than hours may have been set,
but the bits for the higher units will be clear. This rule
holds true for the week day or day of month locations
also.
The time and date status bits can be used to drive
software routines which need to be executed every
-second,
-minute,
-hour,
-day of month / weekday,
-month,
-year,
or
-week.
In this application it is necessary to poll the V3021 at least
once every time interval used as it does not generate an
interrupt.
Upon executing a Copy _RAM_to_clock command, the
time and date status bits in the RAM are cleared.
Time Set Lock
The time set lock control bit is located at address 0, bit 4
(see Table 7a). When set by software, the bit disables the
Copy_RAM_to_clock
command
(see
section
"Commands".) A set bit prevents unauthorized overwriting
of the current time and date in the clock. Clearing the time
set
lock
bit
by
software
will
re-enable
the
Copy_RAM_to_clock command. On first startup or
whenever power has failed (VDD < 2.0 V), the time set lock
bit must be setup by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com