Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  V3021 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
The V3021 will run slightly too fast, in order to allow the
user to adjust the frequency, depending on the mean
operating temperature. This is made since the crystal
adjustment can only work by lowering the frequency with
an added capacitor between XO and VSS. The printed
circuit
capacitance
has
also
to
be
taken
into
consideration. The V3021 in DIL 8 package, running with
an 8.2 pF crystal at room temperature, will be adjusted to
better
than
±1s/day
with
a
6.8
pF
capacitor.
Typical Frequency on I/O Pin
Typical drift for ideal 32'768 Hz quartz
Note
: The trimming capacitor value must not exceed
15 pF. Greater values may disturb the oscillator
function
Fig. 3
Quartz Characteristics
O
F
F
∆
= -0.038
2
C
ppm
°
(T – TO)
2 ± 10%
∆F/FO
=
the ratio of the change in frequency to the
nominal value expressed in ppm (it can be
thought of as the frequency deviation at any
temperature)
T
=
the temperature of interest in °C
TO
=
the turnover temperature (25 ± 5°C)
To determine the clock error (accuracy) at a given
temperature, add the frequency tolerance at 25°C to the
value obtained from the formula above.
Fig. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com