Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button V3021 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Pin Description
Pin
Name
Function
1
XI
32 kHz crystal input
2
XO
32 kHz crystal output
3
CS
Chip select input
4
VSS
Ground supply
5
I/O
Data input and output
6
RD
Intel
RD , Motorola DS (or tie to CS )
7
WR
Intel WR , Motorola R/ W
8
VDD
Positive supply
Table 5
Functional Description
Serial Communication
The V3021 resides on the parallel data and address
buses as a standard peripheral (see Fig.13 and 14).
Address decoding provides an active low chip select
( CS ) to the device. For Intel compatible bus timing the
control signals
RD and WR pulse and CS are used for
a single bit read or write (see Fig. 7a and 7b). Two
options exist for Motorola compatible bus timing. The first
is to use the control signals DS with R/ W and CS , the
second is to tie the
RD input to CS and use the control
signals R/
W and CS (see Fig. 7a and 7c). Data transfer
is accomplished through a single input/output line (I/O).
Any data bus line can be chosen. A conventional 3 wire
serial interface can also be used to communicate with the
V3021 (see Fig. 15).
Communication Cycles
The V3021 has 3 serial communication cycles. These
are:
1) Read data cycle
2) Write data cycle
3) Address command cycle
A communication cycle always begins by writing the 4
address bits, A0 to A3. A microprocessor read from the
V3021 cannot begin a communication cycle. Read and
write data cycles are similar and consist of 4 address bits
and 8 data bits. The 4 address bits, A0 to A3, define the
RAM location and the 8 data bits D0 and D7 provide the
relevant information. An address command cycle consists
of only 4 address bits.
Read Data Cycle
A read data cycle commences by writing the 4 RAM
address bits (A3, A2, A1 and A0) to the V3021. The LSB,
A0, is transmitted first (see Fig. 6a and 6b).
Eight
microprocessor reads from the V3021 will read the RAM
data at this address, beginning with the LSB, D0. The
read data cycle finishes on reading the 8
th data bit, D7.
Write Data Cycle
A write data cycle commences by writing the 4 RAM
address bits (A3, A2, A1 and A0) to the V3021. The LSB,
A0, is transmitted first (see Fig. 8c and 8d).
Eight
microprocessor writes to the V3021 will write the new
RAM data. The LSB, D0, is loaded first. The write data
cycle finishes on writing the 8
th data bit, D7.
Address Command Cycle
An address command cycle consists of just 4 address
bits. The LSB, A0, is transmitted first (see Fig. 8e and 8f).
On writing the fourth address bit, A3, the address will be
decoded. If the address bits are recognized as one of the
command codes E hex or F hex (see Table 6), then the
communication cycle is terminated and the corresponding
command is executed.
Subsequent microprocessor
writes to the V3021 begin another communication cycle
with the first bit being interpreted as the address LSB, A0.
Clock Configuration
The V3021 has a reserved clock area and a user RAM
area (see Fig. 7). The clock is not directly accessible, it is
used for internal time keeping and contains the current
time and data. The contents of the RAM is shown in
Table 6, it contains a data space and an address
command space. The data space is directly accessible.
Addresses 0 and 1 contain status information (see Tables
7a and 7b), addresses 2 to 5, time data, and addresses 6
to 9, date data. The address command space is used to
issue commands to the V3021.
RAM Map
Address
Dec
Hex
Parameter
BCD
range
Data Space
0
0
Status 0
1
1
Status 1
2
2
Seconds
00-59
3
3
Minutes
00-59
4
4
Hours
00-23
5
5
Day of month
01-31
6
6
Month
01-12
7
7
Year
00-99
8
8
Week day
01-07
9
9
Week number
00-52
Address Command Space
14
E
Copy_RAM_to_clock
15
F
Copy_clock_to_RAM
Table 6
Commands
Two commands are available (see Table 6).
The
Copy_RAM_to_clock command is used to set the current
time and date in the clock and the Copy_clock_to_RAM
command to copy the current time and date from the clock
to the RAM.
The Copy_RAM_to_clock command,
address data E hex, causes the clock time and date to be
overwritten by the time and date stored in the RAM at
addresses 2 to 9. Address 1 is also cleared (see section
"Time and Date Status Bits").
Prior to using this
command, the desired time and date must be loaded into
the RAM using write data cycles and the time set lock bit,
address 0, bit 4, must be clear (see section "Time Set
Lock").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com