Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  V3021 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power 1-Bit 32 kHz RTC
Description
The V3021 is a low power CMOS real time clock. Data is
transmitted serially as 4 address bits and 8 data bits, over
one line of a standard parallel data bus. The device is
accessed by chip select ( CS ) with read and write control
timing provided by either
RD and WR pulse (Intel CPU)
or DS with advanced R/
W (Motorola CPU). Data can
also be transmitted over a conventional 3 wire serial
interface having CLK, data I/O and strobe. The V3021
has no busy states and there is no danger of a clock
update while accessing.
Supply current is typically
800 nA at VDD = 3.0V. Battery operation is supported by
complete functionality down to 2.0V.
The oscillator is
typically 0.3 ppm/V.
Applications
Utility meters
Battery operated and portable equipment
Consumer electronics
White/brown goods
Pay phones
Cash registers
Personal computers
Programmable controller systems
Data loggers
Automotive systems
Features
Supply current typically 800 nA at 3V
50 ns access time with 50 pF load capacitance
Fully operational from 2.0V to 5.5V
No busy states or danger of a clock update while
accessing
Serial communication on one line of a standard
parallel data bus or over a conventional 3 wire serial
interface
Interface compatible with both Intel and Motorola
Seconds, minutes, hours, day of month, month, year,
week day and week number in BCD format
Leap year and week number correction
Time set lock mode to prevent unauthorized setting of
the current time or date
Oscillator stability 0.3 ppm / volt
No external capacitor needed
Frequency measurement and test modes
Temperature range: -40°C to +85°C
On request extended temperature range, -40°C to
+125°C
Packages DIP8 and SO8
Typical Operating Configuration
Address
Decoder
V3021
RAM
XI
XO
CS
RD
WR
I/O
CS
RD
WR
CPU
Fig. 1
Pin Assignment
CS
RD
WR
V
DD
I/O
V
SS
XI
XO
V3021
SO8
Fig. 2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - V3021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
More results

Similar Description - V3021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
Ultra Low Power 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com