Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3021 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
Test Modes
Addr. 0
bit 3
Addr. 0
bit 2
Function
0
0
Normal operation
0
1
All time keeping accelerated by 32
1
0
Parallel increment of all time data
at 1 Hz with no carry over
1
1
Parallel increment of all time data
at 32 Hz with no carry over
Table 8
An external signal generator can be used to drive the
divider chain of the V3021. Fig. 11a and 11b show how to
connect the signal generator.
The speed can be
increased by increasing the signal generator frequency to
a maximum of 128 kHz. An external signal generator and
test modes can be combined.
To leave test both test bits (address 0, bits 2 and 3) must
be cleared by software. Test corrupts the current time
and date and so the time and date should be reloaded
after a test session.
Signal Generator Connection
Fig. 11a
Note
: The peak value of the signal provided by the signal
generator should not exceed 2 V on XO.
Fig. 11b
Note
: The peak value of the signal provided by the signal
generator should not exceed 2 V on XO.
Crystal Layout
In order to ensure proper oscillator operation we
recommend the following standard practices:
- Keep traces as short as possible
- Use a guard ring around the crystal
Fig. 12 shows the recommended layout.
Oscillator Layout
Fig. 12
Access Considerations
The section "Communication Cycles" describes the serial
data sequences necessary to complete a communication
cycle. In common with all serial peripherals, the serial
data sequences are not re-entrant, thus a high priority
interrupt, or another software task, should not attempt to
access the V3021 if it is already in the middle of a cycle.
A semaphore (software flag) on access would allow the
V3021 to be shared with other software tasks or interrupt
routines.
There is no time limit on the duration of a
communication cycle and thus interrupt routines (which do
not use the V3021) can be fully executed in mid cycles
without any consequences for the V3021.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com