Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 12Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 13Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 14Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 15Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 16Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 17Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 18Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 19Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
SERIAL INTERFACE
The serial port of the ADS5400 is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of ADS5400. It is compatible with most synchronous transfer formats and can be configured as
a 3 or 4 pin interface in register 0x01h. In both configurations, SCLK is the serial interface input clock and
SDENB is serial interface enable. For 3 pin configuration, SDIO is a bidirectional pin for both data in and data
out. For 4 pin configuration, SDIO is data in only and SDO is data out only.
Each read/write operation is framed by signal SDENB (Serial Data Enable Bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1–4 bytes). The first frame byte is the instruction cycle which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and what address to
transfer the data. Table 2 indicates the function of each bit in the instruction cycle and is followed by a detailed
description of each bit. Frame bytes 2 to 5 comprise the data transfer cycle.
Table 2. Instruction Byte of the Serial Interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
N1
N0
A4
A3
A2
A1
A0
R/W
Identifies the following data transfer cycle as a read or write operation. A high indicates a read
operation from ADS5400 and a low indicates a write operation to the ADS5400.
[N1:N0]
Identifies the number of data bytes to be transferred per Table 3 below. Data is transferred MSB
first.
Table 3. Number of Transferred Bytes Within One
Communication Frame
N1
N0
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
[A4:A0]
Identifies the address of the register to be accessed during the read or write operation. For multi-
byte transfers, this address is the starting address. Note that the address is written to the
ADS5400 MSB first and counts down for each byte.
Figure 6 shows the serial interface timing diagram for a ADS5400 write operation. SCLK is the serial interface
clock input to ADS5400. Serial data enable SDENB is an active low input to ADS5400. SDIO is serial data in.
Input data to ADS5400 is clocked on the rising edges of SCLK.
16
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com