Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 3 Page - Texas Instruments

  ADS5400HFS/EM Datasheet HTML 1Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 2Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 3Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 4Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 5Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 6Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 7Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
THERMAL CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
TYP
UNIT
RθJA
JESD51-2 and JESD51-3 (2)
21.81
°C/W
RθJC
MIL-STD-883 Test Method 1012(3)
0.849
°C/W
(1)
This CQFP package has built-in vias that electrically and thermally connect the bottom of the die to a pad on the bottom of the package.
To efficiently remove heat and provide a low-impedance ground path, a thermal land is required on the surface of the PCB directly
underneath the body of the package. During normal surface mount flow solder operations, the heat pad on the underside of the package
is soldered to this thermal land creating an efficient thermal path. Normally, the PCB thermal land has a number of thermal vias within it
that provide a thermal path to internal copper areas (or to the opposite side of the PCB) that provide for more efficient heat removal. TI
typically recommends an 11,9 mm2 board-mount thermal pad. This allows maximum area for thermal dissipation, while keeping leads
away from the pad area to prevent solder bridging. A sufficient quantity of thermal/electrical vias must be included to keep the device
within recommended operating conditions. This pad must be electrically at ground potential.
(2)
RθJA is the thermal resistance from the junction to ambient.
(3)
RθJC is the thermal resistance from the junction to case.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD5
4.75
5
5.25
V
Analog supply voltage, AVDD3
3.135
3.3
3.465
V
Digital supply voltage, DVDD3
3.135
3.3
3.465
V
ANALOG INPUT
Full-scale differential input range
1.52
2
Vpp
VCM
Input common mode
AVDD5/2
V
DIGITAL OUTPUT
Differential output load
5
pF
CLOCK INPUT
CLK input sample rate (sine wave)
100
1000
MSPS
Clock amplitude, differential
0.6
1.5
Vpp
Clock duty cycle
45%
50%
55%
TC
Operating case temperature
–55
125
°C
Copyright © 2010–2014, Texas Instruments Incorporated
3
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com