Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 2Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 3Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 4Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 5Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 6Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 7Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 9Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
SWITCHING CHARACTERISTICS
Typical values at TA = 25°C, Min and Max values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
LVDS DIGITAL OUTPUTS (DATA, OVR/SYNCOUT, CLKOUT)
VOD
Differential output voltage (±)
247
350
454
mV
Terminated 100
Ω differential
VOC
Common mode output voltage
1.125
1.25
1.375
V
LVDS DIGITAL INPUTS (RESET)
VID
Differential input voltage (±)
175
350
mV
Each input pin
VIC
Common mode input voltage
0.1
1.25
2.4
V
RIN
Input resistance
100
Ω
CIN
Input capacitance
Each pin to ground
3.7
pF
DIGITAL INPUTS (SCLK, SDIO, SDENB)
VIH
High level input voltage
2
AVDD3 + 0.3
V
VIL
Low level input voltage
0
0.8
V
IIH
High level input current
±1
μA
IIL
Low level input current
±1
μA
CIN
Input capacitance
2.9
pF
DIGITAL INPUTS ( ENEXTREF, ENPWD, ENA1BUS)
VIH
High level input voltage
2
AVDD5 + 0.3
V
VIL
Low level input voltage
0
0.8
V
IIH
High level input current
125
μA
~40k
Ω internal pull-down
IIL
Low level input current
20
μA
CIN
Input capacitance
2.9
pF
DIGITAL OUTPUTS (SDIO, SDO)
VOH
High level output voltage
IOH = 250 µA
2.8
V
VOL
Low level output voltage
IOL = 250 µA
0.4
V
CLOCK INPUTS
RIN
Differential input resistance
CLKINP, CLKINN
100
130
190
Ω
Input capacitance
Estimated to ground from each
CIN
CLKIN pin, excluding soldered
4.8
pF
packaged
TIMING CHARACTERISTICS
(1)
Typical values at TA = 25°C, Min and Max values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
ta
Aperture delay
250
ps
Uncertainty of sample point due to internal jitter
Aperture jitter, rms
125
fs
sources
Bus A, using Single Bus Mode
7
Bus A, using Dual Bus Mode Aligned
7.5
Latency
Cycles
Bus B, using Dual Bus Mode Aligned
8.5
Bus A and B, using Dual Bus Mode Staggered
7.5
(1)
Timing parameters are specified by design or characterization, but not production tested.
6
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com