Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 4 Page - Texas Instruments

  ADS5400HFS/EM Datasheet HTML 1Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 2Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 3Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 4Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 5Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 6Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 7Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, minimum and maximum values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input range
Programmable
1.52
2
VPP
VCM
Common-mode input
Self-biased to AVDD5 / 2
AVDD5/2
V
RIN
Input resistance, differential (dc)
100
Ω
Estimated to ground from each AIN pin,
CIN
Input capacitance
4.3
pF
excluding soldered package
CMRR
Common-mode rejection ratio
Common mode signal = 125 MHz
40
dB
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
1.98
2
2.02
V
DYNAMIC ACCURACY
Resolution
No missing codes
12
Bits
DNL
Differential linearity error
fIN = 125 MHz
-1
±0.4
2.5
LSB
INL
Integral non- linearity error
fIN = 125 MHz
-4.5
±1.5
4.5
LSB
Offset error
default is trimmed near 0mV
–2.5
0
2.5
mV
Offset temperature coefficient
0.02
mV/°C
Gain error
±5
%FS
Gain temperature coefficient
0.03
%FS/°C
POWER SUPPLY(1)
5-V analog supply current (Bus A and
220
245
mA
B active)
I(AVDD5)
5-V analog supply current (Bus A
225
255
mA
active)
3.3-V analog supply current (Bus A
205
234
mA
and B active)
I(AVDD3)
3.3-V analog supply current (Bus A
226
242
mA
active)
fIN = 125 MHz,
fS = 1 GSPS
3.3-V digital supply current
136
154
mA
(Bus A and B active)
I(DVDD3)
3.3-V digital supply current
72
85
(Bus A active)
mA
Total power dissipation
2.2
2.5
W
(BUS A and B active)
Total power dissipation
2
2.3
W
(Bus A active)
Total power dissipation
ENPWD = logic High (sleep enabled)
13
50
mW
Wake-up time from sleep
1.8
ms
1MHz injected to each supply,
PSRR
Power-supply rejection ratio
50
dB
measured without external decoupling
DYNAMIC AC CHARACTERISTICS
fIN = 125 MHz
54
58.5
fIN = 600 MHz
53.5
58.3
SNR
Signal-to-noise ratio
fIN = 850 MHz
53
58
dBFS
fIN = 1200 MHz
57.6
fIN = 1700 MHz
55.7
(1)
All power values assume LVDS output current is set to 3.5mA.
4
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com