Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 4Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 5Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 6Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 7Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 9Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 10Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 11Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
INTERLEAVING ADJUSTMENTS
Typical values at TA = 25°C, Min and Max values over full temperature range TMIN = –55°C to TMAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET ADJUSTMENTS
Resolution
9
Bits
LSB magnitude
at full scale range of 2VPP
120
µV
DNL
Differential linearity error
-2.5
2.5
LSB
INL
Integral Non-Linearity error
-3
3
LSB
Recommended Min Offset
-8
mV
Setting
from default offset value, to maintain AC
performance
Recommended Max Offset
8
mV
Setting
GAIN ADJUSTMENTS
Resolution
12
Bits
LSB magnitude
120
µV
DNL
Differential linearity error
-4
-1.2,
4
LSB
+0.5
INL
Integral Non-Linearity error
-8
-2, +1
8
LSB
Min Gain Setting
1.52
VPP
Max Gain Setting
2
VPP
INPUT CLOCK FINE PHASE ADJUSTMENT
Resolution
6
Bits
LSB magnitude
116
fs
DNL
Differential linearity error
-2
2.5
LSB
INL
Integral Non-Linearity error
-2.5
4
LSB
Max Fine Clock Skew setting
7.4
ps
INPUT CLOCK COARSE PHASE ADJUSTMENT
Resolution
5
Bits
LSB magnitude
2.4
ps
DNL
Differential linearity error
-1
1
LSB
INL
Integral Non-Linearity error
-1
5
LSB
Max Coarse Clock Skew
73
ps
setting
8
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com